Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX504 Datasheet (PDF) - Maxim Integrated Products

MAX504 Datasheet PDF - Maxim Integrated Products
Part # MAX504
Download  MAX504 Download
File Size   174.75 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Low-Power, Voltage-Output, Serial 10-Bit DACs

MAX504 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX504 Datasheet PDF - Maxim Integrated Products

Part # MAX504
Download  MAX504 Click to download

File Size   174.75 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Low-Power, Voltage-Output, Serial 10-Bit DACs

MAX504 Datasheet (HTML) - Maxim Integrated Products


MAX504 Product details

General Description
The MAX504/MAX515 are low-power, voltage-output, 10-bit digital-to-analog converters (DACs) specified for single +5V power-supply operation. The MAX504 can also be operated with ±5V supplies. The MAX515 draws only 140µA, and the MAX504 (with internal reference) draws only 260µA. The MAX515 comes in 8-pin DIP and SO packages, while the MAX504 comes in 14- pin DIP and SO packages. Both parts have been trimmed for offset voltage, gain, and linearity, so no further adjustment is necessary.

Features
♦ Operate from Single +5V Supply
♦ Buffered Voltage Output
♦ Internal 2.048V Reference (MAX504)
♦ 140µA Supply Current (MAX515)
♦ INL = ±1/2LSB (max)
♦ Guaranteed Monotonic Over Temperature
♦ Flexible Output Ranges: 0V to VDD (MAX504/MAX515) VSS to VDD (MAX504)
♦ 8-Pin SO/DIP (MAX515)
♦ Power-On Reset
♦ Serial Data Output for Daisy-Chaining

Applications
    Battery-Powered Test Instruments
    Digital Offset and Gain Adjustment
    Battery-Operated/Remote Industrial Controls
    Machine and Motion Control Devices
    Cellular Telephones




Similar Part No. - MAX504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5040EUB-T MAXIM-MAX5040EUB-T Datasheet
951Kb / 21P
Voltage-Tracking Controllers for PowerPC, DSPs, and ASICs
Rev 1; 12/03
MAX5041AEAI MAXIM-MAX5041AEAI Datasheet
680Kb / 26P
Dual-Phase, Parallelable, Average-Current-Mode Controllers
Rev 0; 10/03
MAX5041BEAI MAXIM-MAX5041BEAI Datasheet
406Kb / 26P
Dual-Phase, Parallelable, Average Current-Mode Controllers
Rev 3; 8/04
MAX5041EAI MAXIM-MAX5041EAI Datasheet
406Kb / 26P
Dual-Phase, Parallelable, Average Current-Mode Controllers
Rev 3; 8/04
MAX5042 MAXIM-MAX5042 Datasheet
335Kb / 22P
Two-Switch Power ICs with Integrated Power MOSFETs and Hot-Swap Controller
Rev 2; 6/04
More results


Similar Description - MAX504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com