Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5900 Datasheet (PDF) - Maxim Integrated Products

MAX5900 Datasheet PDF - Maxim Integrated Products
Part # MAX5900
Download  MAX5900 Download
File Size   260.27 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -100V SOT23 Simple Swapper Hot-Swap Controllers

MAX5900 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5900 Datasheet PDF - Maxim Integrated Products

Part # MAX5900
Download  MAX5900 Click to download

File Size   260.27 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -100V SOT23 Simple Swapper Hot-Swap Controllers

MAX5900 Datasheet (HTML) - Maxim Integrated Products


MAX5900 Product details

General Description
The MAX5900/MAX5901 are SOT23/TDFN hot-swap controllers that allow a circuit card to be safely hot-plugged into a live backplane without causing a glitch on the power-supply rail. These devices operate from -9V to -100V and provide the simplest hot-swap solution by eliminating all external components except an external n-channel MOSFET.

Features
♦ Wide -9V to -100V Operation
♦ Requires No External Sense Resistor
♦ Drives External N-Channel MOSFET
♦ Limits Inrush Current
♦ Circuit-Breaker Function
♦ Less than 1mA Quiescent Current
♦ ON/OFF Input Permits Load Power-Supply Control and Sequencing
♦ Adjustable Undervoltage Lockout
♦ Power-Good Output with 100V Rating
♦ Latching or Automatic Retry Fault Management
♦ Thermal Shutdown Helps Protect the External MOSFET
♦ Space-Saving 6-Pin SOT23 and TDFN Packages

Applications
    Telecom Line Cards
    Network Routers
    Base-Station Line
    Network Switches
    Servers
    Cards




Similar Part No. - MAX5900

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5900 MAXIM-MAX5900 Datasheet
295Kb / 14P
100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900AAETT-T MAXIM-MAX5900AAETT-T Datasheet
295Kb / 14P
-100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900AAETT-T MAXIM-MAX5900AAETT-T Datasheet
295Kb / 14P
-100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900AAEUT-T MAXIM-MAX5900AAEUT-T Datasheet
295Kb / 14P
-100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900AAEUT-T MAXIM-MAX5900AAEUT-T Datasheet
295Kb / 14P
-100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
More results


Similar Description - MAX5900

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
-48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
-100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
-100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com