Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5911 Datasheet (PDF) - Maxim Integrated Products

MAX5911 Datasheet PDF - Maxim Integrated Products
Part # MAX5911
Download  MAX5911 Download
File Size   417.48 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -48V Simple Swapper Hot-Swap Switches

MAX5911 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5911 Datasheet PDF - Maxim Integrated Products

Part # MAX5911
Download  MAX5911 Click to download

File Size   417.48 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -48V Simple Swapper Hot-Swap Switches

MAX5911 Datasheet (HTML) - Maxim Integrated Products


MAX5911 Product details

General Description
The MAX5911/MAX5912 are fully integrated hot-swap switches for negative supply rails. These devices allow the safe insertion and removal of circuit cards into live backplanes or ports without causing problematic glitches on the negative power-supply rail. They also monitor various circuit parameters and disconnect the load if a fault condition occurs, alerting the host with a logic-level FAULT output. The MAX5911/MAX5912 operate over a voltage range of -16V to -65V and are designed to permit hot plugging of an IP phone into a hub, but are not limited to that operation.

Features
♦ Provides Safe Hot Swap for -16V to -65V Power Supplies
♦ 280mA Current Limit for MAX5911
♦ 415mA Current Limit for MAX5912
♦ Zero-Current Load Disconnect
♦ Integrated Power FET
♦ Status Output Reports Fault Condition
♦ Internal Switch-Protection Circuitry
♦ Built-In Thermal Shutdown
♦ DGND Can Vary Up to ±5V with Respect to AGND

Applications
    IP Phones
    Network Routers
    Network Switches
    Internet Appliances
    Power-Over-LAN




Similar Part No. - MAX5911

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5911EVKIT MAXIM-MAX5911EVKIT Datasheet
1Mb / 7P
Provides Safe Hot Swap for -16V to -65V Power Supplies
Rev 0; 3/13
MAX5911EVKIT# MAXIM-MAX5911EVKIT# Datasheet
1Mb / 7P
Provides Safe Hot Swap for -16V to -65V Power Supplies
Rev 0; 3/13
More results


Similar Description - MAX5911

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
-100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
-48V Hot Swap Controller
2003
logo
Maxim Integrated Produc...
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
-100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
-100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com