Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX618 Datasheet (PDF) - Maxim Integrated Products

MAX618 Datasheet PDF - Maxim Integrated Products
Part # MAX618
Download  MAX618 Download
File Size   204.41 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V, PWM, Step-Up DC-DC Converter

MAX618 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX618 Datasheet PDF - Maxim Integrated Products

Part # MAX618
Download  MAX618 Click to download

File Size   204.41 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V, PWM, Step-Up DC-DC Converter

MAX618 Datasheet (HTML) - Maxim Integrated Products


MAX618 Product details

General Description
The MAX618 CMOS, PWM, step-up DC-DC converter generates output voltages up to 28V and accepts inputs from +3V to +28V. An internal 2A, 0.3Ω switch eliminates the need for external power MOSFETs while supplying output currents up to 500mA or more. A PWM control scheme combined with Idle Mode™ operation at light loads minimizes noise and ripple while maximizing efficiency over a wide load range. No-load operating current is 500μA, which allows efficiency up to 93%.

Features
● Adjustable Output Voltage Up to +28V
● Up to 93% Efficiency
● Wide Input Voltage Range (+3V to +28V)
● Up to 500mA Output Current at +12V
● 500μA Quiescent Supply Current
● 3μA Shutdown Current
● 250kHz Switching Frequency
● Small 1W, 16-Pin QSOP Package

Applications
● Industrial +24V and +28V Systems
● LCD Displays
● Palmtop Computers




Similar Part No. - MAX618

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
191Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 1; 12/09
MAX618 MAXIM-MAX618 Datasheet
1Mb / 15P
28V Internal Switch, Step-Up DC-DC Converter
2015
MAX618EEE+ MAXIM-MAX618EEE+ Datasheet
191Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 1; 12/09
MAX618EEE+ MAXIM-MAX618EEE+ Datasheet
1Mb / 15P
28V Internal Switch, Step-Up DC-DC Converter
2015
MAX618 MAXIM-MAX618_09 Datasheet
191Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 1; 12/09
More results


Similar Description - MAX618

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
PWM STEP-UP DC/DC CONVERTER
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618_09 Datasheet
191Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 1; 12/09
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
STEP-UP PWM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
CMOS PWM step-up DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618_V01 Datasheet
1Mb / 15P
28V Internal Switch, Step-Up DC-DC Converter
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com