Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7077 Datasheet (PDF) - Anpec Electronics Coropration

APW7077 Datasheet PDF - Anpec Electronics Coropration
Part # APW7077
Download  APW7077 Download
File Size   454.07 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description PWM Step-Up DC-DC Converter

APW7077 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7077 Datasheet PDF - Anpec Electronics Coropration

Part # APW7077
Download  APW7077 Click to download

File Size   454.07 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description PWM Step-Up DC-DC Converter

APW7077 Datasheet (HTML) - Anpec Electronics Coropration


APW7077 Product details

General Description
The APW7077/A series are multi-function PWM step-upDC-DCconverterwithanadaptivevoltagemode controller and higher efficiency application from one to four cells battery packs. The APW7077/A series are set PWM operating mode, voltage-mode to follow portable application. And built-in driver pin, EXT pin, for connecting to an external transistor or MOSFET during light load, the device will automatically skip switching cycles to maintain high efficiency. The APW7077/A series consists of PWM controller, reference voltage, phase compensation, oscillator, soft-start, driver block. It will provide to operate suitable voltage without external compensation circuit. The APW7077/A series have fixed voltage and adjustable voltage version from a wide input voltage ranges 0.7V to 5.5V for step-up DC-DC converter. The start-up is guaranteed at 1V and the device is operating down to 0.7V. And providing up to 300mA loading current. Besides, low quiescent current (switch-off) is guaranteed.

Features
● Low Start-up Voltage 0.9V
● Fixed 300kHZ Operating Frequency
● Built-In Internal Soft Start Circuit
● Low Operating Current
● 3.3V and 5V (±2.5%) Fixed (APW7077) or Adjustable Output Voltage (APW7077A)
● High Efficiency Up to 88% at 400mA Output Current
● High Output Current Up to 1A
● Compact Package: SOT-23-5
● Lead FreeAvailable (RoHS Compliant)

Applications
● Cellular and Portable Phones
● PortableAudio
● Camcorders andDigital Still Camera
● Hand-held Instrument
● PDAs




Similar Part No. - APW7077

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
APW7071 ANPEC-APW7071 Datasheet
269Kb / 15P
Step-Up Converter for 4 Series White LEDs Driver
APW7071CE-TR ANPEC-APW7071CE-TR Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
APW7071CE-TRL ANPEC-APW7071CE-TRL Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
APW7071CE-TU ANPEC-APW7071CE-TU Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
More results


Similar Description - APW7077

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
PWM STEP-UP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
STEP-UP PWM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
CMOS PWM step-up DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
PWM Step-Up DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com