Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6326 Datasheet (PDF) - Maxim Integrated Products

MAX6326 Datasheet PDF - Maxim Integrated Products
Part # MAX6326
Download  MAX6326 Download
File Size   131.21 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits

MAX6326 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6326 Datasheet PDF - Maxim Integrated Products

Part # MAX6326
Download  MAX6326 Click to download

File Size   131.21 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits

MAX6326 Datasheet (HTML) - Maxim Integrated Products


MAX6326 Product details

General Description
The MAX6326/MAX6327/MAX6328/MAX6346/MAX6347/MAX6348 microprocessor (µP) supervisory circuits monitor the power supplies in µP and digital systems. These devices provide excellent circuit reliability and low cost by eliminating external components and adjustments when used with 2.5V, 3V, 3.3V, and 5V powered circuits.
These circuits perform a single function: they assert a reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted for at least 100ms after VCC has risen above the reset threshold.
The only difference between the devices is their output. The MAX6326/MAX6346 (push-pull) and MAX6328/MAX6348 (open-drain) have an active-low reset output. The MAX6327/MAX6347 have an active-high push-pull reset output. All of these parts are guaranteed to be in the correct state for VCC down to 1V. The reset comparator is designed to ignore fast transients on VCC. Reset thresholds are factory-trimmable between 2.2V and 4.63V, in approximately 100mV increments. Twenty-one standard versions are available. Contact the factory for availability of nonstandard versions.
Ultra-low supply currents (1µA max for the MAX6326/MAX6327/MAX6328) make these parts ideal for use in portable equipment. All six devices are available in space saving SOT23 and SC70 packages

Features
♦ Ultra-Low 1µA (max) Supply Current (MAX6326/MAX6327/MAX6328)
♦ Precision Monitoring of 2.5V, 3V, 3.3V, and 5V Power-Supply Voltages
♦ Reset Thresholds Available from 2.2V to 4.63V
♦ Fully Specified Over Temperature
♦ 100ms (min) Power-On Reset Pulse Width
♦ Low Cost
♦ Available in Three Versions: Push-Pull RESET, Push-Pull RESET, and Open-Drain RESET
♦ Power-Supply Transient Immunity
♦ No External Components
♦ 3-Pin SC70/SOT23 Packages
♦ Pin Compatible with MAX803/MAX809/MAX810

Applications
● Computers
● Intelligent Instruments
● Controllers
● Critical µP and µC Power Monitoring
● Portable/Battery-Powered Equipment




Similar Part No. - MAX6326

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
147Kb / 7P
3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6326-22D PHILIPS-MAX6326-22D Datasheet
95Kb / 12P
3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6326-22W PHILIPS-MAX6326-22W Datasheet
95Kb / 12P
3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6326-23D PHILIPS-MAX6326-23D Datasheet
95Kb / 12P
3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
More results


Similar Description - MAX6326

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Maxim Integrated Produc...
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
3-Pin, Low-Power 關P Reset Circuits
2016
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com