Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6335 Datasheet (PDF) - Maxim Integrated Products

MAX6335 Datasheet PDF - Maxim Integrated Products
Part # MAX6335
Download  MAX6335 Download
File Size   107.87 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset

MAX6335 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6335 Datasheet PDF - Maxim Integrated Products

Part # MAX6335
Download  MAX6335 Click to download

File Size   107.87 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset

MAX6335 Datasheet (HTML) - Maxim Integrated Products


MAX6335 Product details

General Description
The MAX6335/MAX6336/MAX6337 microprocessor (µP) supervisory circuits monitor the power supplies in 1.8V to 3.3V µP and digital systems. They increase circuit reliability and reduce cost by eliminating external components and adjustments. They also feature a debounced manual-reset input.
These devices perform a single function: they assert a reset signal whenever the VCC supply voltage declines below a preset threshold or whenever manual reset is asserted. Reset remains asserted for a preset timeout period after VCC has risen above the reset threshold or after manual reset is deasserted. The only difference among the three devices is their output. The MAX6336 (push/pull) and MAX6337 (open-drain) have an active low RESET output, while the MAX6335 (push/pull) has an active-high RESET output. The MAX6335/MAX6336 are guaranteed to be in the correct state for VCC down to 0.7V. The MAX6337 is guaranteed to be in the correct state for VCC down to 1.0V.
The reset comparator in these ICs is designed to ignore fast transients on VCC. Reset thresholds are factory trimmable between 1.6V and 2.5V, in approximately 100mV increments. There are 15 standard versions available (2500 piece minimum-order quantity); contact the factory for availability of nonstandard versions (10,000 piece minimum-order quantity). For space-critical applications, the MAX6335/MAX6336/MAX6337 come packaged in a 4-pin SOT143.

Features
♦ Ultra-Low 0.7V Operating Supply Voltage
♦ Low 3.3µA Supply Current
♦ Precision Monitoring of 1.8V and 2.5V Power Supply Voltages
♦ Reset Thresholds Available from 1.6V to 2.5V,
   in Approximately 100mV Increments
♦ Debounced Manual Reset
♦ Fully Specified over Temperature
♦ Three Power-On Reset Pulse Widths Available
   (1ms min, 20ms min, 100ms min)
♦ Low Cost
♦ Three Available Output Structures: Push/Pull
   RESET, Push/Pull RESET, Open-Drain RESET
♦ Guaranteed RESET/RESET Valid to VCC = 0.7V (MAX6335/MAX6336)
♦ Power-Supply Transient Immunity
♦ No External Components
♦ 4-Pin SOT143 Package
♦ Pin Compatible with MAX811/MAX812 and MAX6314/MAX6315

Applications
   Pentium II™ Computers
   Computers
   Controllers
   Intelligent Instruments
   Critical µP/µC Power Monitoring
   Portable/Battery-Powered Equipment
   Automotive




Similar Part No. - MAX6335

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6335-T MAXIM-MAX6335-T Datasheet
179Kb / 14P
5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6335US MAXIM-MAX6335US Datasheet
181Kb / 7P
4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6335US16D3-T MAXIM-MAX6335US16D3-T Datasheet
181Kb / 7P
4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6335US18D3-T MAXIM-MAX6335US18D3-T Datasheet
181Kb / 7P
4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6335US20D3-T MAXIM-MAX6335US20D3-T Datasheet
181Kb / 7P
4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
More results


Similar Description - MAX6335

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
4-pin 關P Voltage Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6803 MAXIM-MAX6803 Datasheet
155Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 1; 2/01
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6337US23D3-T MAXIM-MAX6337US23D3-T Datasheet
199Kb / 8P
4-Pin, Ultra-Low-Voltage, Low-Power muP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_V01 Datasheet
870Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
2014
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com