Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6902 Datasheet (PDF) - Maxim Integrated Products

MAX6902 Datasheet PDF - Maxim Integrated Products
Part # MAX6902
Download  MAX6902 Download
File Size   227.32 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SPI-Compatible RTC in a TDFN

MAX6902 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6902 Datasheet PDF - Maxim Integrated Products

Part # MAX6902
Download  MAX6902 Click to download

File Size   227.32 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SPI-Compatible RTC in a TDFN

MAX6902 Datasheet (HTML) - Maxim Integrated Products


MAX6902 Product details

General Description
The MAX6902 SPI™-compatible real-time clock contains a real-time clock/calendar and 31 x 8 bits of static random-access memory (SRAM). The real-time clock/calendar provides seconds, minutes, hours, day, date, month, year, and century information. A time/date programmable polled ALARM is included in the MAX6902. The end-of-the-month date is automatically adjusted for months with fewer than 31 days, including corrections for leap year up to the year 2100. The clock operates in either the 24hr or 12hr format with an AM/PM indicator. The MAX6902 operates with a supply voltage of +2V to +5.5V, is available in the ultra-small 8-pin TDFN package, and works over the -40°C to +85°C industrial temperature range.

Features
♦ Real-Time Clock Counts Seconds, Minutes, Hours, Day of Week, Date of Month, Month, Year, and Century
♦ Leap-Year Compensation Valid up to Year 2100
♦ +2V to +5.5V Wide Operating Voltage Range
♦ SPI Interface: 4MHz at 5V; 1MHz at 2V
♦ 31 x 8-Bit SRAM for Scratchpad Data Storage
♦ Uses Standard 32.768kHz, 12.5pF Watch Crystal
♦ Low Timekeeping Current (400nA at 2V)
♦ Single-Byte or Multiple-Byte (Burst Mode) Data Transfer for Read or Write of Clock Registers or SRAM
♦ Ultra-Small 8-Pin 3mm x 3mm x 0.8mm TDFN Package
♦ Programmable Time/Date Polled ALARM Function
♦ No External Crystal Bias Resistors or Capacitors Required

Applications
    Point-of-Sale Equipment
    Intelligent Instruments
    Fax Machines
    Battery-Powered Products
    Portable Instruments




Similar Part No. - MAX6902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6902 MAXIM-MAX6902 Datasheet
205Kb / 17P
I2C-Compatible RTC in a TDFN
Rev 3; 6/03
MAX6902EKA MAXIM-MAX6902EKA Datasheet
137Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A June 20, 2003
More results


Similar Description - MAX6902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX6900 MAXIM-MAX6900 Datasheet
205Kb / 17P
I2C-Compatible RTC in a TDFN
Rev 3; 6/03
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
Serial SPI bus RTC with battery switchover
22-Oct-2007
logo
Maxim Integrated Produc...
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_14 Datasheet
526Kb / 18P
SerialPeripheralInterface(SPI)Compatible
logo
Maxim Integrated Produc...
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
logo
Golledge Electronics Lt...
RV2123C2 GOLLEDGE-RV2123C2_18 Datasheet
748Kb / 5P
RTC SPI Bus Low Power
RV3049C2 GOLLEDGE-RV3049C2_18 Datasheet
749Kb / 5P
RTC SPI Bus
RV3049C3 GOLLEDGE-RV3049C3_18 Datasheet
749Kb / 5P
RTC SPI Bus
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com