Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX730A Datasheet (PDF) - Maxim Integrated Products

MAX730A Datasheet PDF - Maxim Integrated Products
Part # MAX730A
Download  MAX730A Download
File Size   229.95 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Step-Down, Current-Mode PWM DC-DC Converters

MAX730A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX730A Datasheet PDF - Maxim Integrated Products

Part # MAX730A
Download  MAX730A Click to download

File Size   229.95 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Step-Down, Current-Mode PWM DC-DC Converters

MAX730A Datasheet (HTML) - Maxim Integrated Products


MAX730A Product details

General Description
The MAX730A/MAX738A/MAX744A are 5V-output CMOS, step-down switching regulators. The MAX738A/MAX744A accept inputs from 6V to 16V and deliver 750mA. The MAX744A guarantees 500mA load capability for inputs above 6V and has tighter oscillator frequency limits for low-noise (radio) applications. The MAX730A accepts inputs between 5.2V and 11V and delivers 450mA for inputs above 6V. Typical efficiencies are 85% to 96%. Quiescent supply current is 1.7mA and only 6µA in shutdown.
Pulse-width modulation (PWM) current-mode control provides precise output regulation and excellent transient responses. Output voltage accuracy is guaranteed to be ±5% over line, load, and temperature variations. Fixed-frequency switching allows easy filtering of output ripple and noise, as well as the use of small external components. These regulators require only a single inductor value to work in most applications, so no inductor design is necessary.
The MAX730A/MAX738A/MAX744A also feature cycle by-cycle current limiting, overcurrent limiting, undervoltage lockout, and programmable soft-start protection.

Features
♦ 750mA Load Currents (MAX738A/MAX744A)
♦ High-Frequency, Current-Mode PWM
♦ 159kHz to 212.5kHz Guaranteed Oscillator
   Frequency Limits (MAX744A)
♦ 85% to 96% Efficiencies
♦ 1.7mA Quiescent Current
♦ 6µA Shutdown Supply Current
♦ Single Preselected Inductor Value,
   No Component Design Required
♦ Overcurrent, Soft-Start, and Undervoltage
   Lockout Protection
♦ Cycle-by-Cycle Current Limiting
♦ 8-Pin DIP/SO Packages (MAX730A)

Applications
   Portable Instruments
   Cellular Phones and Radios
   Personal Communicators
   Distributed Power Systems
   Computer Peripherals




Similar Part No. - MAX730A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7300 MAXIM-MAX7300 Datasheet
348Kb / 22P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 1; 2/03
MAX7300 MAXIM-MAX7300 Datasheet
205Kb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX7300AAI MAXIM-MAX7300AAI Datasheet
348Kb / 22P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 1; 2/03
MAX7300AAI MAXIM-MAX7300AAI Datasheet
205Kb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX7300AAI MAXIM-MAX7300AAI Datasheet
1Mb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 8; 5/14
More results


Similar Description - MAX730A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
Adjustable step-down, current-mode PWM DC-DC converters
29-May-2007
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com