Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX692 Datasheet (PDF) - Maxim Integrated Products

MAX692 Datasheet PDF - Maxim Integrated Products
Part # MAX692
Download  MAX692 Download
File Size   626.16 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor Supervisory Circuits

MAX692 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX692 Datasheet PDF - Maxim Integrated Products

Part # MAX692
Download  MAX692 Click to download

File Size   626.16 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor Supervisory Circuits

MAX692 Datasheet (HTML) - Maxim Integrated Products


MAX692 Product details

General Description
The MAX690 family of supervisory circuits reduces the complexity and number of components required for power supply monitoring and battery control functions in microprocessor systems. These include µP reset and backup-battery switchover, watchdog timer, CMOS RAM write protection, and power-failure warning. The MAX690 family significantly improves system reliability and accuracy compared to that obtainable with separate ICs or discrete components.

Benefts and Features
● Supervisory Function Integration Saves Board Space while Fully Protecting Microprocessor-Based Systems
    • Precision Voltage Monitor
        - 4.65V (MAX690, MAX691, MAX694, MAX695)
        - 4.40V (MAX692, MAX693)
    • Power OK/Reset Time Delay
        - 50ms, 200ms, or Adjustable
    • Watchdog Timer
        - 100ms, 1.6s, or Adjustable
    • Battery Backup Power Switching
    • Voltage Monitor for Power Fail or Low Battery Warning
    • Minimum External Component Count
● Low Power Consumption in Battery Backup Mode Extends Battery Life
    • 1µA Standby Current
● Onboard Gating of Chip Enable Signals Protects Against Erroneous Data Written to RAM During Low VCC Events

Applications
● Computers
● Controllers
● Intelligent Instruments
● Automotive Systems
● Critical µP Power Monitoring




Similar Part No. - MAX692

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6920 MAXIM-MAX6920 Datasheet
182Kb / 10P
12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 0; 10/03
MAX6920AWP MAXIM-MAX6920AWP Datasheet
182Kb / 10P
12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 0; 10/03
MAX6920AWP MAXIM-MAX6920AWP Datasheet
1Mb / 10P
12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
MAX6920 MAXIM-MAX6920_14 Datasheet
1Mb / 10P
12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
MAX6921 MAXIM-MAX6921 Datasheet
282Kb / 14P
20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 0; 10/03
More results


Similar Description - MAX692

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com