Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX800 Datasheet (PDF) - Maxim Integrated Products

MAX800 Datasheet PDF - Maxim Integrated Products
Part # MAX800
Download  MAX800 Download
File Size   157.01 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor Supervisory Circuits

MAX800 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX800 Datasheet PDF - Maxim Integrated Products

Part # MAX800
Download  MAX800 Click to download

File Size   157.01 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor Supervisory Circuits

MAX800 Datasheet (HTML) - Maxim Integrated Products


MAX800 Product details

General Description
The MAX691A/MAX693A/MAX800L/MAX800M microprocessor (µP) supervisory circuits are pin-compatible upgrades to the MAX691, MAX693, and MAX695. They improve performance with 30µA supply current, 200ms typ reset active delay on power-up, and 6ns chip enable propagation delay. Features include write protection of CMOS RAM or EEPROM, separate watchdog outputs, backup-battery switchover, and a RESET output that is valid with VCC down to 1V. The MAX691A/MAX800L have a 4.65V typical reset-threshold voltage, and the MAX693A/MAX800M’s reset threshold is 4.4V typical. The MAX800L/MAX800M guarantee power-fail accuracies to ±2%.

Features
♦ 200ms Power-OK/Reset Timeout Period
♦ 1µA Standby Current, 30µA Operating Current
♦ On-Board Gating of Chip-Enable Signals, 10ns Max Delay
♦ MaxCap™ or SuperCap™ Compatible
♦ Guaranteed RESET Assertion to VCC = +1V
♦ Voltage Monitor for Power-Fail or Low-Battery Warning
♦ Power-Fail Accuracy Guaranteed to ±2% (MAX800L/M)
♦ Available in 16-Pin Narrow SO and Plastic DIP Packages

Applications
  Computers
  Controllers
  Intelligent Instruments
  Automotive Systems
  Critical µP Power Monitoring




Similar Part No. - MAX800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX800LCPE MAXIM-MAX800LCPE Datasheet
210Kb / 17P
Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX800LCSE MAXIM-MAX800LCSE Datasheet
210Kb / 17P
Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX800LCUE MAXIM-MAX800LCUE Datasheet
210Kb / 17P
Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX800LEPE MAXIM-MAX800LEPE Datasheet
210Kb / 17P
Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX800LESE MAXIM-MAX800LESE Datasheet
210Kb / 17P
Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
More results


Similar Description - MAX800

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com