Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX750A Datasheet (PDF) - Maxim Integrated Products

MAX750A Datasheet PDF - Maxim Integrated Products
Part # MAX750A
Download  MAX750A Download
File Size   206.83 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adjustable, Step-Down, Current-Mode PWM Regulators

MAX750A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX750A Datasheet PDF - Maxim Integrated Products

Part # MAX750A
Download  MAX750A Click to download

File Size   206.83 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adjustable, Step-Down, Current-Mode PWM Regulators

MAX750A Datasheet (HTML) - Maxim Integrated Products


MAX750A Product details

General Description
The MAX750A/MAX758A are adjustable-output, CMOS, step-down, DC-DC switching regulators. The MAX758A accepts inputs from 4V to 16V and delivers 750mA, while the MAX750A accepts inputs from 4V to 11V and delivers 450mA. Typical efficiencies are 85% to 90%. Typical quiescent current is 1.7mA, or only 6µA in shutdown mode. The output does not exhibit any ripple at subharmonics of the switching frequency over its specified range.
Pulse-width-modulation (PWM) current-mode control
provides precise output regulation and excellent transient responses. Output voltage accuracy is guaranteed to be ±4.5% plus feedback-resistor tolerance over line, load, and temperature variations. Fixed-frequency switching and absence of subharmonic ripple allows easy filtering of output ripple and noise, as well as the use of small external components. These regulators require only a single inductor value to work in most applications, so no inductor design is necessary.

Features
♦ Up to 750mA Load Currents
♦ 160kHz High-Frequency, Current-Mode PWM
♦ 85% to 96% Efficiencies
♦ 33µH or 100µH Pre-Selected Inductor Value,
   No Component Design Required
♦ 1.7mA Quiescent Supply Current
♦ 6µA Shutdown Supply Current
♦ Adjustable Output Voltage
♦ Overcurrent, Soft-Start, and Undervoltage
   Lockout Protection
♦ Cycle-by-Cycle Current Limiting
♦ 8-Pin DIP/SO Packages (MAX750A)

Applications
   Cellular Phones & Radios
   Portable Communications Equipment
   Portable Instruments
   Computer Peripherals




Similar Part No. - MAX750A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500 Datasheet
1Mb / 13P
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500-MAX7502 MAXIM-MAX7500-MAX7502 Datasheet
1Mb / 13P
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500EVKIT MAXIM-MAX7500EVKIT Datasheet
345Kb / 12P
MAX7500 Evaluation Kit
Rev 0; 4/09
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
More results


Similar Description - MAX750A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
logo
Maxim Integrated Produc...
MAX732 MAXIM-MAX732 Datasheet
452Kb / 12P
12V/15V Step-Up Current-Mode Pwm Regulators
19-3966; Rev 2; 3/96
MAX735 MAXIM-MAX735 Datasheet
311Kb / 8P
-5V/Adjustable, Negative-Output,Inverting, Current-mode PWM Regulators
19-0017; Rev 1; 9/92
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
STMicroelectronics
ST755C STMICROELECTRONICS-ST755C Datasheet
311Kb / 16P
Adjustable inverting negative output current mode PWM regulators
06-Jul-2007
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
Adjustable step-down, current-mode PWM DC-DC converters
29-May-2007
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com