Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX830 Datasheet (PDF) - Maxim Integrated Products

MAX830 Datasheet PDF - Maxim Integrated Products
Part # MAX830
Download  MAX830 Download
File Size   43.97 Kbytes
Page   5 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators

MAX830 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX830 Datasheet PDF - Maxim Integrated Products

Part # MAX830
Download  MAX830 Click to download

File Size   43.97 Kbytes
Page   5 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators

MAX830 Datasheet (HTML) - Maxim Integrated Products


MAX830 Product details

General Description
The MAX830/MAX831/MAX832/MAX833 are monolithic, bipolar, pulse-width-modulation (PWM), switch-mode, stepdown DC-DC regulators. Each is rated at 1A. Very few external components are needed for standard operation because the power switch, oscillator, feedback, and control circuitry are all on-chip. Employing a classic buck topology, these regulators perform high-current step-down functions.

Features
♦ Input Range: Up to 30V
♦ 1A On-Chip Power Switch
♦ Adjustable Output (MAX830)
    Fixed Outputs: 5V (MAX831)
                             3.3V (MAX832)
                             3V (MAX833)
♦ 100kHz Switching Frequency
♦ Excellent Dynamic Characteristics
♦ Few External Components
♦ 8mA Quiescent Current
♦ 16-Pin SO Package
♦ Evaluation Kit Available

Applications
    Distributed Power from High-Voltage Buses
    High-Current, High-Voltage Step-Down Applications
    Multiple-Output Buck Converter




Similar Part No. - MAX830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX834 MAXIM-MAX834 Datasheet
77Kb / 8P
Micropower, Latching Voltage Monitors in SOT23-5
Rev 0; 12/96
MAX834 MAXIM-MAX834 Datasheet
280Kb / 9P
Micropower, Latching Voltage Monitors in SOT23-5
Rev 3; 3/10
MAX834EUK-T MAXIM-MAX834EUK-T Datasheet
77Kb / 8P
Micropower, Latching Voltage Monitors in SOT23-5
Rev 0; 12/96
MAX834EUK-T MAXIM-MAX834EUK-T Datasheet
280Kb / 9P
Micropower, Latching Voltage Monitors in SOT23-5
Rev 3; 3/10
MAX834 MAXIM-MAX834_10 Datasheet
280Kb / 9P
Micropower, Latching Voltage Monitors in SOT23-5
Rev 3; 3/10
More results


Similar Description - MAX830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX724 MAXIM-MAX724 Datasheet
92Kb / 12P
5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX787 MAXIM-MAX787 Datasheet
39Kb / 4P
5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MXL1074 MAXIM-MXL1074 Datasheet
1Mb / 4P
5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com