Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX830 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX830
Description  5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX830 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX830 Datasheet HTML 1Page - Maxim Integrated Products MAX830 Datasheet HTML 2Page - Maxim Integrated Products MAX830 Datasheet HTML 3Page - Maxim Integrated Products MAX830 Datasheet HTML 4Page - Maxim Integrated Products MAX830 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5V/3.3V/3V/Adjustable-Output, 1A,
Step-Down, PWM, Switch-Mode DC-DC Regulators
_______________________________________________________________________________________
5
_________________________________________________________________________________________________
5
Table 1. MAX830 Maximum Load Current (continuous with
qjA = +55°C/W) vs.
Output Voltage and Ambient Temperature
OUTPUT VOLTAGE
CONTINUOUS LOAD CURRENT
Up to 10V
1A
1A
1A
10V to 15V
1A
1A
0.8A
15V to 20V
1A
0.8A
0.7A
20V to 25V
0.8A
0.7A
0.6A
Table 2. MAX831/MAX832/MAX833 Maximum Load Current (continuous with
qjA = +55°C/W) vs. Ambient Temperature
OUTPUT VOLTAGE
CONTINUOUS LOAD CURRENT
Fixed:
5V, 3.3V or 3V
1A
1A
1A
TA = +25°C
TA = +45°C
TA = +70°C
TA = +25°C
TA = +45°C
TA = +70°C
VIN
VC
VSW
100
µF
GND
10k
0.047
µF
VOUT
FB
100
µH
MBR350
470
µF
R1
VOUT =
[1+R1 ] x2.21V
R2
R2
INPUT
UP TO 30V
MAX830
STEP-DOWN CONVERTER
Figure 1. MAX830 Typical Operating Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com