Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX830 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX830
Description  5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX830 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX830 Datasheet HTML 1Page - Maxim Integrated Products MAX830 Datasheet HTML 2Page - Maxim Integrated Products MAX830 Datasheet HTML 3Page - Maxim Integrated Products MAX830 Datasheet HTML 4Page - Maxim Integrated Products MAX830 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5V/3.3V/3V/Adjustable-Output, 1A,
Step-Down, PWM, Switch-Mode DC-DC Regulators
2
_______________________________________________________________________________________
Input Voltage .................................................. 40V
Switch Voltage with Respect to Input Voltage................ 50V
Switch Voltage with Respect to GND
(VSW negative) (Note 1)..................................... 20V
FB/SENSE Voltage ................................... -0.3V, +10V
SHUT Voltage (not to exceed VIN)............................ 30V
ILIM Voltage (forced).......................................... 5.5V
Operating Temperature Range..................... 0°C to +70°C
Junction Temperature Range ..................... 0°C to +125°C
Storage Temperature Range ................... -65°C to +160°C
Lead Temperature (soldering, 10sec).................... +300°C
ELECTRICAL CHARACTERISTICS
(VIN = 25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: Do not exceed switch-to-input voltage limitation.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
Error-Amplifier Source Current
VFB = 2.0V (MAX830) or
VSENSE = 2.0V
(MAX831/832/833)
MIN
TYP
MAX
UNITS
100
140
225
Supply Current (Note 3)
ILIM open
mA
TA = +25°C
µA
TA = +25°C
Error-Amplifier Sink Current
VFB = 2.5V (MAX830) or
VSENSE = 5.5V
(MAX831/832/833)
1.2
1.7
2.2
Input Supply Voltage Range
830
V
0.6
1.0
1.7
mA
TA = +25°C
VIN = 25V, VSW = 0V
150
Switch-Off Leakage
VIN = 30V, VSW = 0V
250
µA
811
VIN ≤ 30V, VSENSE = 5.5V (MAX831/MAX832/
MAX833) or VFB = 2.5V (MAX830)
Minimum Supply Voltage (Note 5)
Normal mode
V
Startup mode
3.5
4.8
7.3
8.0
VSHUT = 0.1V (Note 4)
140
500
µA
1.2
Maximum Duty Cycle
Switch-Current Limit (Note 6)
85
90
%
0.8
A
Switching-Frequency Line Regulation
8V
≤ VIN ≤ 30V
0.03
0.10
%/V
Error-Amplifier Transconductance
Error-Amplifier Voltage Gain
1V
≤ VC ≤ 4V
2000
V/V
3000
5000
9000
µmho
RLIM = 10kΩ (Note 7)
TA = +25°C
RLIM = 7kΩ (Note 7)
TA = +25°C
TA = +25°C
Switch-On Voltage (Note 2)
ISW = 0.2A
1.1
V
ISW = 1A
1.4
90
100
110
Switching Frequency
VFB or VSENSE = 0V (Note 6)
85
120
20
kHz
TA = +25°C
TA = +25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com