Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX830 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX830
Description  5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX830 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX830 Datasheet HTML 1Page - Maxim Integrated Products MAX830 Datasheet HTML 2Page - Maxim Integrated Products MAX830 Datasheet HTML 3Page - Maxim Integrated Products MAX830 Datasheet HTML 4Page - Maxim Integrated Products MAX830 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5V/3.3V/3V/Adjustable-Output, 1A,
Step-Down, PWM, Switch-Mode DC-DC Regulators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: For switch currents between 0.2A and 1A, maximum switch-on voltage can be calculated via linear interpolation.
Note 3: By setting the SENSE pin to 5.5V (or the FB pin to 2.5V), the VC pin is forced to its low clamp level and the switch duty cycle
is forced to zero, approximating the zero load condition.
Note 4: Device shut down. Switch leakage current not included.
Note 5: For proper regulation, total voltage from VIN to GND must be ≥ 8V after start-up. During start-up mode, device is switching
but not regulating.
Note 6: To avoid extremely short switch-on times, the switch frequency is internally scaled down when VFB or VSENSE is less than
1.3V. Switch current limit is tested with VSENSE or VFB adjusted to give a 1µs minimum switch-on time.
Note 7:
Note 8: All conditions of input voltage, output voltage, temperature, and load current.
Note 9: FB is at the reference voltage when the MAX830 output voltage is in regulation.
R
I
1A
7.6k
1k
LIM
LIM
=×
 +Ω
Ω
.
PARAMETER
CONDITIONS
VC Voltage Temperature Coefficient
MAX831
MAX832
MIN
TYP
MAX
UNIT
MAX833
0% duty cycle
MAX831
MAX832
MAX833
TA = +25°C
mV/°C
FB Bias Current
0.5
2.0
V
Reference Voltage
VREF (nominal = 2.21V) (MAX830)
TA = +25°C
1.5
VC Voltage
0% duty cycle
-4
4.85
5.00
5.15
V
V
3.20
3.30
3.40
µA
VSHUT = 5V
SENSE Voltage
10
20
VC = 2V
2.90
3.00
3.10
8V
≤ VIN ≤ 30V
SHUT Current
0.005
0.020
%/V
Output Voltage Line Regulation
3.0
5.0
8.0
VSHUT = 0.1V (shutdown)
50
k
Ω
µA
2.5
4.2
7.0
SENSE Divider Resistance
TA = +25°C
2.2
3.8
6.5
(shutdown)
0.10
0.20
0.50
%
SENSE Voltage Tolerance (Note 8)
VOUT (nominal) = 5V (MAX831),
3.3V (MAX832), or 3V (MAX833)
±0.5
±2.0
2.155
2.21
2.265
SHUT Threshold
V
%
Reference Voltage Tolerance
(Notes 8, 9)
±0.5
±1.5
TA = +25°C
VFB = VREF (MAX830)
VC = 2V (MAX830) (Note 9)
±1.0
±2.5
Typical value only. Minimum to maximum deviation in current limit will be ±30%,
comparable to that with ILIM pin open.
±0.5
±3.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com