Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX793 Datasheet (PDF) - Maxim Integrated Products

MAX793 Datasheet PDF - Maxim Integrated Products
Part # MAX793
Download  MAX793 Download
File Size   150.06 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.0V/3.3V Adjustable Microprocessor Supervisory Circuits

MAX793 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX793 Datasheet PDF - Maxim Integrated Products

Part # MAX793
Download  MAX793 Click to download

File Size   150.06 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.0V/3.3V Adjustable Microprocessor Supervisory Circuits

MAX793 Datasheet (HTML) - Maxim Integrated Products


MAX793 Product details

General Description
The MAX793/MAX794/MAX795 microprocessor (µP) supervisory circuits monitor and control the activities of +3.0V/+3.3V µPs by providing backup-battery switchover, among other features such as low-line indication, µP reset, write protection for CMOS RAM, and a watchdog (see the Selector Guide below). The backup-battery volt age can exceed VCC, permitting the use of 3.6V lithium batteries in systems using 3.0V to 3.3V for VCC.
The MAX793/MAX795 offer a choice of reset threshold voltage range (denoted by suffix letter): 3.00V to 3.15V (T), 2.85V to 3.00V (S), and 2.55V to 2.70V (R). The MAX794’s reset threshold is set externally with a resistor divider. The MAX793/MAX794 are available in 16-pin DIP and narrow SO packages, and the MAX795 comes in 8-pin DIP and SO packages.

Features
MAX793/MAX794/MAX795
♦ Precision Supply-Voltage Monitor:
   Fixed Reset Trip Voltage (MAX793/MAX795)
   Adjustable Reset Trip Voltage (MAX794)
♦ Guaranteed Reset Assertion to VCC = 1V
♦ Backup-Battery Power Switching—Battery
   Voltage Can Exceed VCC
♦ On-Board Gating of Chip-Enable Signals—7ns
   Max Propagation Delay
   MAX793/MAX794 Only
♦ Battery Freshness Seal
♦ Battery OK Output (MAX793)
♦ Uncommitted Voltage Monitor for Power-Fail or
   Low-Battery Warning
♦ Independent Watchdog Timer (1.6s timeout)
♦ Manual Reset Input

Applications
   Battery-Powered Computers and Controllers
   Embedded Controllers
   Intelligent Controllers
   Critical µP Power Monitoring
   Portable Equipment




Similar Part No. - MAX793

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793 MAXIM-MAX793 Datasheet
191Kb / 20P
3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX79356 MAXIM-MAX79356 Datasheet
638Kb / 18P
ZENO Flexible Narrowband OFDM Powerline Communication Modem with Integrated Analog Front End
Rev 2; 9/17
MAX79356CAEVK1# MAXIM-MAX79356CAEVK1# Datasheet
1Mb / 14P
Evaluates: MAX79356
2016
MAX79356EVKIT MAXIM-MAX79356EVKIT Datasheet
1Mb / 14P
Evaluates: MAX79356
2016
MAX79356SNF MAXIM-MAX79356SNF Datasheet
662Kb / 10P
MAX79356 G3-PLC Sniffer Kit
Rev 1; 6/18
More results


Similar Description - MAX793

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
3.0V/3.3V Microprocessor Supervisory Circuits
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com