Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX807L Datasheet (PDF) - Maxim Integrated Products

MAX807L Datasheet PDF - Maxim Integrated Products
Part # MAX807L
Download  MAX807L Download
File Size   232.07 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy

MAX807L Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX807L Datasheet PDF - Maxim Integrated Products

Part # MAX807L
Download  MAX807L Click to download

File Size   232.07 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy

MAX807L Datasheet (HTML) - Maxim Integrated Products


MAX807L Product details

General Description
The MAX807 microprocessor (µP) supervisory circuit reduces the complexity and number of components needed to monitor power-supply and battery-control functions in µP systems. A 70µA supply current makes the MAX807 ideal for use in portable equipment, while a 2ns chip-enable propagation delay and 250mA output current capability (20mA in battery-backup mode) make it suitable for larger, higher-performance equipment.
   
Features
♦ Precision 4.675V (MAX807L), 4.425V (MAX807M),
    or 4.575V (MAX807N) Voltage Monitoring
♦ 200ms Power-OK/Reset Time Delay
♦ RESET and RESET Outputs
♦ Independent Watchdog Timer
♦ 1µA Standby Current
♦ Power Switching
    250mA in VCC Mode
    20mA in Battery-Backup Mode
♦ On-Board Gating of Chip-Enable Signals;
    2ns CE Gate Propagation Delay
♦ MaxCap® and SuperCap® Compatible
♦ Voltage Monitor for Power Fail
♦ Backup-Battery Monitor
♦ Guaranteed RESET Valid to VCC = 1V
♦ ±1.5% Low-Line Threshold Accuracy 52mV above
    Reset Threshold
   
Applications
    Computers
    Controllers
    Intelligent Instruments
    Critical µP Power Monitoring
    Portable/Battery-Powered Equipment
       




Similar Part No. - MAX807L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX800 MAXIM-MAX800 Datasheet
157Kb / 16P
Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800L MAXIM-MAX800L Datasheet
157Kb / 16P
Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800LCPE MAXIM-MAX800LCPE Datasheet
157Kb / 16P
Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800LCPE MAXIM-MAX800LCPE Datasheet
210Kb / 17P
Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX800LCSE MAXIM-MAX800LCSE Datasheet
157Kb / 16P
Microprocessor Supervisory Circuits
Rev 7a; 12/96
More results


Similar Description - MAX807L

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
MicroPower Supervisory Circuit with Manual Reset
logo
Alliance Semiconductor ...
ASM161 ALSC-ASM161 Datasheet
245Kb / 9P
uP Supervisory Circuit
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
3526.2006.03.1.6
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6394 MAXIM-MAX6394 Datasheet
849Kb / 8P
High-Accuracy μP Reset Circuit
Rev 5; 12/19
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com