Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7764ASC Datasheet (PDF) - International Rectifier

OM7764ASC Datasheet PDF - International Rectifier
Part # OM7764ASC
Download  OM7764ASC Download
File Size   168.48 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Dropout Voltage of 400mV at Full Load

OM7764ASC Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7764ASC Datasheet PDF - International Rectifier

Part # OM7764ASC
Download  OM7764ASC Click to download

File Size   168.48 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Dropout Voltage of 400mV at Full Load

OM7764ASC Datasheet (HTML) - International Rectifier




Similar Part No. - OM7764ASC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7764ASC IRF-OM7764ASC Datasheet
64Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA)
OM7764ASC IRF-OM7764ASC Datasheet
168Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
More results


Similar Description - OM7764ASC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1085 TI-LM1085 Datasheet
2Mb / 22P
The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
LM1117-N TI-LM1117-N Datasheet
2Mb / 32P
The LM1117-N is a series of low dropout voltage regulators with a dropout of 1.2V at 800mA of load current.
LP3875EMP-ADJ-NOPB TI-LP3875EMP-ADJ-NOPB Datasheet
1Mb / 20P
Ultra Low Dropout Voltage, Load Regulation of 0.06%
logo
Linear Technology
LT1129MPST-3.3 LINER-LT1129MPST-3.3 Datasheet
160Kb / 16P
400mV Dropout Voltage
logo
E-Tech Electronics LTD
GL1147-50 ETL-GL1147-50 Datasheet
229Kb / 3P
1.4Vmaximum dropout full load current
logo
Advanced Power Electron...
APE8800 A-POWER-APE8800_14 Datasheet
126Kb / 8P
Low Dropout Voltage of 250mV at 300mA
APE8800A A-POWER-APE8800A_14 Datasheet
158Kb / 7P
Low Dropout Voltage of 250mV at 300mA
APE8805 A-POWER-APE8805_14 Datasheet
398Kb / 10P
Low Dropout Voltage of 600mV at 600mA
logo
International Rectifier
OM7764ASM IRF-OM7764ASM_15 Datasheet
181Kb / 5P
Dropout Voltage of 400mV at Full Load
logo
Shenzhen Huazhimei Semi...
AMS1117B HMSEMI-AMS1117B Datasheet
947Kb / 9P
series of low dropout three-terminal regulators with a dropout of 1.3V at 1A load current
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com