Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX814 Datasheet (PDF) - Maxim Integrated Products

MAX814 Datasheet PDF - Maxim Integrated Products
Part # MAX814
Download  MAX814 Download
File Size   111.52 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits

MAX814 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX814 Datasheet PDF - Maxim Integrated Products

Part # MAX814
Download  MAX814 Click to download

File Size   111.52 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits

MAX814 Datasheet (HTML) - Maxim Integrated Products


MAX814 Product details

General Description
The MAX814/MAX815/MAX816 are high-accuracy microprocessor (µP) supervisory circuits that provide power-on reset, watchdog, and power-fail functions. They eliminate manual trimming and improve reliability in critical applications needing high-accuracy reset thresholds. The RESET output is guaranteed to be in the correct state for VCC down to 1V. The reset comparator is designed to ignore fast transients on VCC. Reset thresholds are available for operation with a variety of 3V and 5V supply voltages.
A 75µA maximum supply current makes the MAX814/MAX815/MAX816 ideal for use in portable equipment. All three devices are available in 8-pin DIP and SO packages. See the Selector Table for a review of features.

Features
♦ ±1% Worst-Case Reset Threshold Accuracy
♦ 4.8V, 4.7V, 4.55V, 3.03V, or Adjustable Reset Thresholds
♦ ±1% Low-Line Threshold Accuracy (MAX814)
   60mV Above Reset Threshold
♦ 200ms Reset Time Delay
♦ Active-Low RESET Output
   Active-High RESET Output (MAX814/MAX816)
♦ 75µA Max Supply Current
♦ Guaranteed RESET Valid to VCC = 1V
♦ Manual Reset Input
♦ ±2% Power-Fail Comparator
♦ Independent Watchdog with 1.56sec Timeout (MAX815)
♦ Power-Supply Glitch Immunity
♦ 8-Pin SO and DIP Packages

Applications
   Medical Equipment
   Controllers
   Intelligent Instruments
   Critical µP Power Monitoring
   Portable/Battery-Powered Equipment
   Set-Top Boxes




Similar Part No. - MAX814

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814CPA MAXIM-MAX814CPA Datasheet
533Kb / 16P
1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX814CSA MAXIM-MAX814CSA Datasheet
533Kb / 16P
1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX814EPA MAXIM-MAX814EPA Datasheet
533Kb / 16P
1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX814ESA MAXIM-MAX814ESA Datasheet
533Kb / 16P
1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX814KCSA MAXIM-MAX814KCSA Datasheet
533Kb / 16P
1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
More results


Similar Description - MAX814

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
MAX801L MAXIM-MAX801L Datasheet
91Kb / 12P
8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
關P Supervisory Circuits
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX814 MAXIM-MAX814_05 Datasheet
533Kb / 16P
±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
MAX814KCSA MAXIM-MAX814KCSA Datasheet
533Kb / 16P
1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
Low-Cost, 關P Supervisory Circuits
2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com