Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX814CSA Datasheet (PDF) - Maxim Integrated Products

MAX814CSA Datasheet PDF - Maxim Integrated Products
Part # MAX814CSA
Download  MAX814CSA Download
File Size   533.19 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits

MAX814CSA Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX814CSA Datasheet PDF - Maxim Integrated Products

Part # MAX814CSA
Download  MAX814CSA Click to download

File Size   533.19 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits

MAX814CSA Datasheet (HTML) - Maxim Integrated Products


MAX814CSA Product details

General Description
The MAX814/MAX815/MAX816 are high-accuracy microprocessor (µP) supervisory circuits that provide power-on reset, watchdog, and power-fail functions. They eliminate manual trimming and improve reliability in critical applications needing high-accuracy reset thresholds. The RESET output is guaranteed to be in the correct state for VCC down to 1V. The reset comparator is designed to ignore fast transients on VCC. Reset thresholds are available for operation with a variety of 3V and 5V supply voltages.
A 75µA maximum supply current makes the MAX814/MAX815/MAX816 ideal for use in portable equipment. All three devices are available in 8-pin DIP and SO packages. See the Selector Table for a review of features.

Features
♦ ±1% Worst-Case Reset Threshold Accuracy
♦ 4.8V, 4.7V, 4.55V, 3.03V, or Adjustable Reset Thresholds
♦ ±1% Low-Line Threshold Accuracy (MAX814)
   60mV Above Reset Threshold
♦ 200ms Reset Time Delay
♦ Active-Low RESET Output
   Active-High RESET Output (MAX814/MAX816)
♦ 75µA Max Supply Current
♦ Guaranteed RESET Valid to VCC = 1V
♦ Manual Reset Input
♦ ±2% Power-Fail Comparator
♦ Independent Watchdog with 1.56sec Timeout (MAX815)
♦ Power-Supply Glitch Immunity
♦ 8-Pin SO and DIP Packages

Applications
   Medical Equipment
   Controllers
   Intelligent Instruments
   Critical µP Power Monitoring
   Portable/Battery-Powered Equipment
   Set-Top Boxes




Similar Part No. - MAX814CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814CSA MAXIM-MAX814CSA Datasheet
111Kb / 16P
짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
More results


Similar Description - MAX814CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX814 MAXIM-MAX814 Datasheet
111Kb / 16P
짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX817L MAXIM-MAX817L Datasheet
114Kb / 16P
5V Microprocessor Supervisory Circuits
Rev 1; 3/96
logo
Summit Microelectronics...
SMS1242 SUMMIT-SMS1242 Datasheet
78Kb / 11P
2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX706P MAXIM-MAX706P_06 Datasheet
465Kb / 15P
3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Rev 5; 4/06
MAX814 MAXIM-MAX814_05 Datasheet
533Kb / 16P
±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
MAX817L MAXIM-MAX817L_05 Datasheet
280Kb / 16P
5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Maxim Integrated Produc...
MAX705ESA-T MAXIM-MAX705ESA-T Datasheet
229Kb / 12P
Low-Cost, muP Supervisory Circuits
Rev. 9; 1/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com