Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS1242 Datasheet (PDF) - Summit Microelectronics, Inc.

SMS1242 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMS1242
Download  SMS1242 Download
File Size   78.29 Kbytes
Page   11 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description 2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits

SMS1242 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMS1242 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMS1242
Download  SMS1242 Click to download

File Size   78.29 Kbytes
Page   11 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description 2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits

SMS1242 Datasheet (HTML) - Summit Microelectronics, Inc.


SMS1242 Product details

OVERVIEW
The SMS1242 microprocessor supervisory circuit reduces the complexity and number of components required to monitor the supply voltage in +5V, +3V and +2.5V systems. The SMS1242 will significantly improve system reliability and accuracy when compared to implementing the same functions with discrete components.
The SMS1242 provides reset output during power-up, power-down, and brown-out conditions. It has a 1.25V threshold input detector for power-fail warning, low battery detection, or monitoring a secondary power supply. The part also integrates a separate active low manual reset input.
It also has 16k-bits of nonvolatile memory accessible over an industry standard 2-wire serial interface.

FEATURES
• Supply voltage monitor
   - Nominal VRST of 2.45V, 2.65V, 2.95V, 4.45V, 4.55V or 4.65V
   - RESET# Outputs Guaranteed true at VCC = 1V
   - 150ms Reset Delay Time
• Second voltage monitor
   - VSENSE Input
   - 1.25V threshold ±1%
• Manual Reset Input
• Includes 16k-bits nonvolatile memory
   - Industry standard 2-wire serial interface




Similar Part No. - SMS1242

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS12 SEMTECH-SMS12 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS12 MICROSEMI-SMS12 Datasheet
227Kb / 2P
4 LINE UNIDIRECTIONAL TVSarray
logo
Protek Devices
SMS12 PROTEC-SMS12 Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
SMS12 PROTEC-SMS12 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SMS12 LEIDITECH-SMS12 Datasheet
160Kb / 3P
USB 2.0 power and data line
More results


Similar Description - SMS1242

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX817L MAXIM-MAX817L Datasheet
114Kb / 16P
5V Microprocessor Supervisory Circuits
Rev 1; 3/96
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Linear Technology
LTC694-3.3 LINER-LTC694-3.3 Datasheet
148Kb / 16P
3.3V Microprocessor Supervisory Circuits
logo
ams AG
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX817L MAXIM-MAX817L_05 Datasheet
280Kb / 16P
5V Microprocessor Supervisory Circuits
Rev 3; 12/05
logo
Linear Technology
LTC694-3.3 LINER-LTC694-3.3_15 Datasheet
199Kb / 20P
3.3V Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
3.3V Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com