Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS1242 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMS1242
Description  2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS1242 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMS1242 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
SMS1242
2038 2.0 6/8/00
SUMMIT MICROELECTRONICS, Inc.
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
–55°C to 125°C
Storage Temperature
–65°C to 150°C
Terminal Voltage (With Respect to Ground)–0.3V to 6V
Lead Solder Temperature (10 secs)
300°C
*COMMENT
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or
any other conditions outside those listed in the operation sec-
tions of this specification is not implied. Exposure to any abso-
lute maximum rating for extended periods may affect device
performance and reliability.
2038 Elect Table 2.0
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
v
y
l
p
p
u
s
g
n
i
t
a
r
e
p
O1
5
.
5V
I
C
C
t
n
e
r
r
u
c
y
l
p
p
u
S
<
V
6
.
3V
C
C
5
.
5
<V
5
20
5A
µ
>
V
6
.
3V
C
C
5
20
5A
µ
)
y
l
n
o
3
4
2
1
S
M
S
(
s
s
e
c
c
a
y
r
o
m
e
M3
A
m
V
T
S
R
d
l
o
h
s
e
r
h
t
t
e
s
e
R
A
n
o
i
t
p
o
e
c
i
v
e
D5
7
3
.
45
2
4
.
45
7
4
.
4V
B
n
o
i
t
p
o
e
c
i
v
e
D5
2
6
.
45
7
6
.
45
2
7
.
4V
C
n
o
i
t
p
o
e
c
i
v
e
D5
2
4
.
45
7
4
.
45
2
5
.
4V
D
n
o
i
t
p
o
e
c
i
v
e
D5
2
4
.
20
5
4
.
25
7
4
.
2V
E
n
o
i
t
p
o
e
c
i
v
e
D5
2
6
.
20
5
6
.
25
7
6
.
2V
F
n
o
i
t
p
o
e
c
i
v
e
D5
2
9
.
20
5
9
.
25
7
9
.
2V
V
T
S
Y
H
V
T
S
R
s
i
s
i
r
e
t
s
y
H
0
5V
m
t
T
S
R
h
t
d
i
w
e
s
l
u
p
t
e
s
e
R0
0
10
5
10
0
2s
m
V
L
O
e
g
a
t
l
o
v
w
o
l
t
u
p
t
u
o
#
1
T
E
S
E
R
I
K
N
I
S
V
,
A
m
2
.
1
=
C
C
V
=
T
S
R
.
n
i
m3
.
0V
I
K
N
I
S
V
,
A
µ
0
0
2
=
C
C
V
2
.
1
=3
.
0V
I
R
M
t
n
e
r
r
u
c
p
u
ll
u
p
#
R
M
0
0
1A
µ
t
R
M
h
t
d
i
w
e
s
l
u
p
#
R
M0
5s
n
V
L
I
d
l
o
h
s
e
r
h
t
t
u
p
n
i
#
R
M
6
.
0V
V
H
I
d
l
o
h
s
e
r
h
t
t
u
p
n
i
#
R
M7
.
0
× V
C
C
V
V
S
N
S
V
E
S
N
E
S
d
l
o
h
s
e
r
h
t
t
u
p
n
iV
C
C
=V
T
S
R
V
,
.
n
i
m
E
S
N
E
S
g
n
il
l
a
f0
2
.
15
2
.
10
3
.
1V
V
C
C
e
g
a
t
l
o
v
w
o
l
t
u
p
t
u
o
#
2
T
E
S
E
R
I
K
N
I
S
V
,
A
m
2
.
1
=
C
C
V
=
T
S
R
.
n
i
m3
.
0V
I
K
N
I
S
V
,
A
µ
0
0
2
=
C
C
V
2
.
1
=4
.
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com