Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS1242 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMS1242
Description  2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS1242 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMS1242 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
2038 2.0 6/8/00
SMS1242
SUMMIT MICROELECTRONICS, Inc.
PIN CONFIGURATION
PIN NAMES
2038 Pin Table 2.0
RESET1#
RESET2#
VSENSE
GND
VCC
MR#
SCL
SDA
1
2
3
4
8
7
6
5
8-Pin SOIC
2038 T PCon 2.0
Figure 1. Reset Waveforms
n
i
Pl
a
n
g
i
Sn
o
i
t
c
n
u
F
1#
1
T
E
S
E
R
.
p
u
ll
u
p
k
a
e
w
h
t
i
w
t
u
p
t
u
o
w
o
l
e
v
i
t
c
A
:
y
b
w
o
l
n
e
v
i
r
DV
E
S
N
E
S
-
h
s
e
r
h
t
w
o
l
e
b
r
o
;
d
l
oV
C
C
e
li
h
w
d
l
o
h
s
e
r
h
t
w
o
l
e
b
s
n
i
a
m
e
R
.
d
l
o
h
s
e
r
h
t
w
o
l
e
b
s
i
#
R
M
r
e
t
f
a
s
m
0
5
1
r
o
f
w
o
lV
E
S
N
E
S
r
o
,V
C
C
.
d
l
o
h
s
e
r
h
t
e
v
o
b
a
s
i
,
#
R
M
d
n
a
2#
2
T
E
S
E
R
n
e
p
o
t
p
e
c
x
e
,
#
1
t
e
s
e
R
s
a
e
m
a
S
n
o
i
t
c
e
n
n
o
c
n
i
a
r
d
3V
E
S
N
E
S
e
h
t
r
o
f
t
u
p
n
i
r
o
t
c
e
t
e
d
d
l
o
h
s
e
r
h
T
s
t
e
s
e
R
4D
N
Gd
n
u
o
r
G
5D
N
G
/
A
D
Sd
n
u
o
r
g
r
o
,
O
/
I
a
t
a
D
3
4
2
1
S
M
S
6D
N
G
/
L
C
Sd
n
u
o
r
g
r
o
,
k
c
o
l
C
a
t
a
D
3
4
2
1
S
M
S
7#
R
Ms
t
e
s
e
R
r
o
f
t
u
p
n
i
l
a
u
n
a
M
8V
C
C
e
g
a
t
l
o
v
y
l
p
p
u
S
VCC
RESET#
MR#
VSENSE
VRST
VRST
tRST
tRST
tRST
VSNS
VIL
VIH
tMR
2038 T Fig01 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com