Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX857 Datasheet (PDF) - Maxim Integrated Products

MAX857 Datasheet PDF - Maxim Integrated Products
Part # MAX857
Download  MAX857 Download
File Size   126.92 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters

MAX857 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX857 Datasheet PDF - Maxim Integrated Products

Part # MAX857
Download  MAX857 Click to download

File Size   126.92 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters

MAX857 Datasheet (HTML) - Maxim Integrated Products


MAX857 Product details

General Description
The MAX856–MAX859 are high-efficiency, CMOS, step-up, DC-DC switching regulators for small, low input voltage or battery-powered systems. The MAX856/MAX858 accept a positive input voltage between 0.8V and VOUT and convert it to a higher, pin-selectable output voltage of 3.3V or 5V. The MAX857/MAX859 adjustable versions accept 0.8V to 6.0V input voltages and generate higher adjustable output voltages in the 2.7V to 6.0V range. Typical efficiencies are greater than 85%. Typical quiescent supply current is 25µA (1µA in shutdown).
The MAX856–MAX859 combine ultra-low quiescent supply current and high efficiency to give maximum battery life. An internal MOSFET power transistor permits high switching frequencies. This benefit, combined with internally set peak inductor current limits, permits the use of small, low-cost inductors. The MAX856/MAX857 have a 500mA peak inductor current limit. The MAX858/MAX859 have a 125mA peak inductor current limit.

Features
♦ 0.8V to 6.0V Input Supply Voltage
♦ 0.8V Typ Start-Up Supply Voltage
♦ 85% Efficiency at 100mA
♦ 25µA Quiescent Current
♦ 1µA Shutdown Mode
♦ 125mA and 500mA Switch-Current Limits Permit
   Use of Low-Cost Inductors
♦ Up to 500kHz Switching Frequency
♦ ±1.5% Reference Tolerance Over Temperature
♦ Low-Battery Detector (LBI/LBO)
♦ 8-Pin SO and µMAX Packages

Applications
   3.3V to 5V Step-Up Conversion
   Palmtop Computers
   Portable Data-Collection Equipment
   Personal Data Communicators/Computers
   Medical Instrumentation
   2-Cell & 3-Cell Battery-Operated Equipment
   Glucose Meters




Similar Part No. - MAX857

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
654Kb / 10P
High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570 MAXIM-MAX8570 Datasheet
252Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570ELT+T MAXIM-MAX8570ELT+T Datasheet
287Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
More results


Similar Description - MAX857

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
logo
Linear Technology
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com