Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX893 Datasheet (PDF) - Maxim Integrated Products

MAX893 Datasheet PDF - Maxim Integrated Products
Part # MAX893
Download  MAX893 Download
File Size   115.38 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown

MAX893 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX893 Datasheet PDF - Maxim Integrated Products

Part # MAX893
Download  MAX893 Click to download

File Size   115.38 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown

MAX893 Datasheet (HTML) - Maxim Integrated Products


MAX893 Product details

General Description

The MAX893L smart, low-voltage, P-channel, MOSFET power switch is intended for high-side load-switching applications. This switch operates with inputs from +2.7V to +5.5V, making it ideal for both +3V and +5V systems. Internal current-limiting circuitry protects the input supply against overload. Thermal overload protection limits power dissipation and junction temperature.



Features

♦ +2.7V to +5.5V Input Range

♦ Programmable Current Limit

  0.2A to 1.2A Range

  ±20% Accuracy

♦ 1.2A Continuous Load Current

♦ 1.8A Short-Circuit Current

♦ Low Quiescent Current

  13µA at VIN = 3.3V

  0.1µA with Switch Off

♦ Thermal Shutdown

♦ FAULT Indicator Output

♦ 0.07Ω On-Resistance



Applications

USB Ports

USB Hubs

PCMCIA Slots

Access Bus Slots

Portable Equipment



 




Similar Part No. - MAX893

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8930 MAXIM-MAX8930 Datasheet
4Mb / 52P
WLED Charge Pump, RGB, OLED Boost, LDOs with ALC and CAI
Rev 0; 3/10
MAX8930EWJ+ MAXIM-MAX8930EWJ+ Datasheet
4Mb / 52P
WLED Charge Pump, RGB, OLED Boost, LDOs with ALC and CAI
Rev 0; 3/10
MAX8934A MAXIM-MAX8934A Datasheet
3Mb / 31P
Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
MAX8934A MAXIM-MAX8934A Datasheet
499Kb / 15P
Fully Assembled and Tested
Rev 1; 1/14
MAX8934A MAXIM-MAX8934A Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
More results


Similar Description - MAX893

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890 Datasheet
148Kb / 7P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
Sep-2002
logo
Maxim Integrated Produc...
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890_05 Datasheet
443Kb / 9P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
22-Jul-2005
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
1.2 A current limited high side power switch with thermal shutdown
04-Mar-2009
logo
Maxim Integrated Produc...
MAX894L MAXIM-MAX894L_07 Datasheet
363Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com