Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8930 Datasheet (PDF) - Maxim Integrated Products

MAX8930 Datasheet PDF - Maxim Integrated Products
Part # MAX8930
Download  MAX8930 Download
File Size   4660.27 Kbytes
Page   52 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description WLED Charge Pump, RGB, OLED Boost, LDOs with ALC and CAI

MAX8930 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8930 Datasheet PDF - Maxim Integrated Products

Part # MAX8930
Download  MAX8930 Click to download

File Size   4660.27 Kbytes
Page   52 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description WLED Charge Pump, RGB, OLED Boost, LDOs with ALC and CAI

MAX8930 Datasheet (HTML) - Maxim Integrated Products


MAX8930 Product details

General Description

The MAX8930 integrates a charge pump for white LED display  backlighting  with  ambient light control  (ALC) feature.  The  high-efficiency,  adaptive-mode  1x/-0.5x charge  pump  drives  up  to  11  LEDs  (8  WLEDs  +  RGB LED)  with  constant  current  for  uniform  brightness.  The LED current is adjustable from 0.1mA to 25.6mA in 256 linear steps through I2C. High accuracy and LED-to-LED current matching are maintained throughout the adjust ment  range.  The  MAX8930  includes  soft-start,  thermal shutdown, open-circuit, and short-circuit protection.



Features

White LED Charge Pump

Adaptive 1x or -0.5x Negative Modes

11 Low-Dropout LED Current Sinks with 25.6mA to 0.1mA in 256 Dimming Steps

Ramp-Up/Down Control for Main White LED

Ramp-Up/Down Control for RGB LED

Individual Brightness Control for Each White, RGB LED

Low 240µA (typ) Quiescent Current

Ambient Light Control (ALC) for Any Type of Light Sensor

Content Adaptive Interface

I2C-Compatible Control Interface

Three Programmable LDOs Up to 200mA

Step-Up DC-DC Converter with Programmable Output for PMOLED Application

Low 0.1µA Shutdown Current

2.7V to 5.5V Supply Voltage Range

Thermal Shutdown

Open and Short-Circuit Protection



Applications

Cell Phones and Smartphones

PDAs, Digital Cameras, Camcorders, and Other

Portable Equipment



 




Similar Part No. - MAX8930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX893 MAXIM-MAX893 Datasheet
115Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX8934A MAXIM-MAX8934A Datasheet
3Mb / 31P
Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
MAX8934A MAXIM-MAX8934A Datasheet
499Kb / 15P
Fully Assembled and Tested
Rev 1; 1/14
MAX8934A MAXIM-MAX8934A Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
MAX8934AETI+ MAXIM-MAX8934AETI+ Datasheet
3Mb / 31P
Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
More results


Similar Description - MAX8930

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
RGB LED Driver and Charge Pump
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
Linear Technology
LTC3212 LINER-LTC3212_15 Datasheet
820Kb / 12P
RGB LED Driver and Charge Pump
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
logo
Texas Instruments
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
logo
Anpec Electronics Corop...
APW7251 ANPEC-APW7251 Datasheet
244Kb / 18P
Boost and Dual LDOs with POK
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com