Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA6356-QXG Datasheet (PDF) - United Monolithic Semiconductors

CHA6356-QXG Datasheet PDF - United Monolithic Semiconductors
Part # CHA6356-QXG
Download  CHA6356-QXG Download
File Size   657.25 Kbytes
Page   16 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 21.2 - 23.6GHz Power Amplifier

CHA6356-QXG Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA6356-QXG Datasheet PDF - United Monolithic Semiconductors

Part # CHA6356-QXG
Download  CHA6356-QXG Click to download

File Size   657.25 Kbytes
Page   16 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 21.2 - 23.6GHz Power Amplifier

CHA6356-QXG Datasheet (HTML) - United Monolithic Semiconductors




Similar Part No. - CHA6356-QXG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
GaAs Monolithic Microwave IC
More results


Similar Description - CHA6356-QXG

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5811GJ-1 EUDYNA-FMM5811GJ-1 Datasheet
132Kb / 4P
17.7-23.6GHz Power Amplifier MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Excelics Semiconductor,...
RFMA2124-1W EXCELICS-RFMA2124-1W Datasheet
96Kb / 3P
21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-2W-P3 EXCELICS-RFMA2124-2W-P3 Datasheet
91Kb / 2P
21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-0.5W EXCELICS-RFMA2124-0.5W Datasheet
93Kb / 2P
21.2 - 23.6 GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHA5356-QGG UMS-CHA5356-QGG_15 Datasheet
662Kb / 16P
17.7-23.6GHz Packaged HPA
CHA6550-QXG UMS-CHA6550-QXG Datasheet
637Kb / 18P
17.0- 23.6GHz Power Amplifier
CHA6550-98F UMS-CHA6550-98F Datasheet
849Kb / 12P
17-23.6GHz Power Amplifier GaAs Monolithic Microwave IC bare die
logo
Qorvo, Inc
TGA4549-SM QORVO-TGA4549-SM Datasheet
1Mb / 17P
21.2 ??23.6 GHz 10 W GaN Power Amplifier
logo
Renesas Technology Corp
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com