Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX875 Datasheet (PDF) - Maxim Integrated Products

MAX875 Datasheet PDF - Maxim Integrated Products
Part # MAX875
Download  MAX875 Download
File Size   298.64 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References

MAX875 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX875 Datasheet PDF - Maxim Integrated Products

Part # MAX875
Download  MAX875 Click to download

File Size   298.64 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References

MAX875 Datasheet (HTML) - Maxim Integrated Products


MAX875 Product details

General Description

The MAX873/MAX875/MAX876 precision 2.5V, 5V, and 10V references offer excellent accuracy and very low power consumption. Extremely low temperature drift combined with excellent line and load regulation permit stable operation over a wide range of electrical and environmental conditions. Operation for the MAX873 is guaranteed with a +4.5V supply, making the part ideal in systems running from a +5V ±10% supply. Low 10Hz to 1kHz noise—typically 3.8µVRMS, 9µVRMS, and 18µVRMS, respectively, for the MAX873, MAX875, MAX876—make the parts suitable for 12-bit data-acquisition systems.



Features

♦ MAX873/MAX875/MAX876

   +2.5V/+5V/+10V Outputs

   ±1.5mV/±2.0mV/±3.0mV (max) Initial Accuracy

♦ 7ppm/°C (max) Temperature Coefficient

♦ 450µA (max) Quiescent Current

♦ Low Noise: 3.8µVP-P (typ at 2.5V)

♦ Sources 10mA, Sinks 2mA

♦ 15ppm/mA Load Regulation (max)

♦ 4ppm/V Line Regulation (max)

♦ Wide Supply Voltage Range, +4.5V to +18V (MAX873)

♦ TEMP Output Proportional to Temperature



Applications

  12-Bit ADCs and DACs

  Digital Multimeters

  Portable Data-Acquisition Systems

  Low-Power Test Equipment



 




Similar Part No. - MAX875

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX875 MAXIM-MAX875 Datasheet
384Kb / 12P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
MAX8751 MAXIM-MAX8751 Datasheet
320Kb / 9P
8V to 24V Input Range
Rev 0; 1/06
MAX8751ETJ MAXIM-MAX8751ETJ Datasheet
732Kb / 27P
Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
MAX8751EVKIT MAXIM-MAX8751EVKIT Datasheet
320Kb / 9P
8V to 24V Input Range
Rev 0; 1/06
More results


Similar Description - MAX875

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
REF01 MAXIM-REF01 Datasheet
251Kb / 8P
5V, 10V Precision Voltage References
MAX676 MAXIM-MAX676 Datasheet
774Kb / 12P
CALIBRATED, LOW-DRIFT, 4,096V/5V/10V PRECISION VOLTAGE REFERENCES
Rev 1; 11/94
logo
Analog Devices
ADREF02 AD-ADREF02 Datasheet
734Kb / 6P
10V 5V References
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
MAX873 MAXIM-MAX873_07 Datasheet
384Kb / 12P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
REF01HSA-T MAXIM-REF01HSA-T Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Linear Technology
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
0.25ppm Noise, Low Drift Precision References
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com