Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9001 Datasheet (PDF) - Maxim Integrated Products

MAX9001 Datasheet PDF - Maxim Integrated Products
Part # MAX9001
Download  MAX9001 Download
File Size   249.04 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs

MAX9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9001 Datasheet PDF - Maxim Integrated Products

Part # MAX9001
Download  MAX9001 Click to download

File Size   249.04 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs

MAX9001 Datasheet (HTML) - Maxim Integrated Products


MAX9001 Product details

General Description
The MAX9000 family features the combination of a high speed operational amplifier, a 185ns comparator, and a precision 1.230V reference. These devices operate from a single +2.5V to +5.5V supply and draw less than 500µA of quiescent current. The MAX9001/MAX9004 feature a shutdown mode that reduces supply current to 2µA and puts the outputs into a high-impedance state, making them ideal for portable and battery-powered applications.

Features
♦ Op Amp + Comparator + Reference in
   Space-Saving µMAX Package
♦ +2.5V to +5.5V Single-Supply Voltage Range
♦ 340µA Supply Current (MAX9002/MAX9005)
♦ Unity-Gain Stable (GBW = 1.25MHz) and
   Decompensated (AV ≥ 10V/V, GBW = 8MHz) Options
♦ Op-Amp/Comparator Outputs Swing Rail-to-Rail
♦ Ground-Sensing Inputs for Both Op Amp and
   Comparator
♦ Op Amp Stable with Capacitive Loads up to 250pF
♦ Internal ±2mV Comparator Hysteresis
♦ Fast 185ns Propagation-Delay Comparator
♦ No Phase Reversal for Overdriven Inputs
   (Both Op Amp and Comparator)
♦ Internal 1.230V Precision Reference (MAX9000/
   MAX9001/MAX9003/MAX9004)
   ±1% Initial Accuracy
   Low 8ppm/°C Temperature Drift
   Sink or Source up to 1mA
   Stable for Capacitive Loads up to 100nF

Applications
   Single-Supply Zero- Photodiode Preamps
   Crossing Detector Smart Card Readers
   Instruments, Terminals, Infrared Receivers
   and Bar-Code Readers for Remote Controls
   Keyless Entry Sensor Signal Detection




Similar Part No. - MAX9001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX900 MAXIM-MAX900 Datasheet
162Kb / 12P
High-Speed, Low-Power Voltage Comparators
Rev. 4; 7/01
logo
Altera Corporation
MAX9000 ALTERA-MAX9000 Datasheet
1Mb / 42P
Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
Programmable Logic Device Family
MAX9000 ALTERA-MAX9000_03 Datasheet
564Kb / 46P
Programmable Logic Device Family
More results


Similar Description - MAX9001

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
Maxim Integrated Produc...
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX951 MAXIM-MAX951 Datasheet
114Kb / 12P
Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Rev 1; 7/97
logo
Linear Technology
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
Nanopower Op Amp, Comparator, and Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
Low-Power, Single-Supply Op Amp Comparator Reference
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com