Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5222 Datasheet (PDF) - Micro Commercial Components

1N5222 Datasheet PDF - Micro Commercial Components
Part # 1N5222
Download  1N5222 Download
File Size   621.59 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diode 2.4 to 200 Volts

1N5222 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5222 Datasheet PDF - Micro Commercial Components

Part # 1N5222
Download  1N5222 Click to download

File Size   621.59 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diode 2.4 to 200 Volts

1N5222 Datasheet (HTML) - Micro Commercial Components


1N5222 Product details

Features
• Wide Voltage Range Available
• Glass Package
• High Temp Soldering: 250°C for 10 Seconds At Terminals




Similar Part No. - 1N5222

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5222 SEME-LAB-1N5222 Datasheet
15Kb / 2P
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Semtech Corporation
1N5222 SEMTECH-1N5222 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5222 CHENYI-1N5222 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
1N5222 GOOD-ARK-1N5222 Datasheet
35Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Microsemi Corporation
1N5222 MICROSEMI-1N5222 Datasheet
102Kb / 3P
SILICON 500 mW ZENER DIODES
More results


Similar Description - 1N5222

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL5221 MCC-DL5221 Datasheet
890Kb / 2P
500 mW Zener Diode 2.4 to 200 Volts
BZT52C2V4 MCC-BZT52C2V4_10 Datasheet
208Kb / 3P
500 mW Zener Diode 2.4 to 43 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
500 mW Zener Diode 2.4 to 51 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
500 mW Zener Diode 2.4 to 75 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com