Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6515 Datasheet (PDF) - Micro Commercial Components

2N6515 Datasheet PDF - Micro Commercial Components
Part # 2N6515
Download  2N6515 Download
File Size   427.63 Kbytes
Page   6 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description High Voltage Transistor 625mW

2N6515 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6515 Datasheet PDF - Micro Commercial Components

Part # 2N6515
Download  2N6515 Click to download

File Size   427.63 Kbytes
Page   6 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description High Voltage Transistor 625mW

2N6515 Datasheet (HTML) - Micro Commercial Components


2N6515 Product details

Features
•  Lead Free Finish/RoHS Compliant ("P" Suffix designates
    RoHS Compliant. See ordering information)
•  Epoxy meets UL 94 V-0 flammability rating
•  Moisure Sensitivity Level 1
•  Through Hole Package
•  150 °C Junction Temperature
•  Voltage and Current are negative for PNP transistors
•  Halogen free available upon request by adding suffix "-HF"
   




Similar Part No. - 2N6515

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6515 ONSEMI-2N6515 Datasheet
229Kb / 8P
High Voltage Transistors
October, 2001 ??Rev. 3
2N6515 ONSEMI-2N6515 Datasheet
101Kb / 8P
High Voltage Transistors
October, 2001 ??Rev. 3
logo
Micro Commercial Compon...
2N6515 MCC-2N6515 Datasheet
295Kb / 7P
High Voltage Transistor 625mW
logo
Continental Device Indi...
2N6515 CDIL-2N6515 Datasheet
220Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Micro Commercial Compon...
2N6515 MCC-2N6515 Datasheet
341Kb / 7P
High Voltage Transistor 625mW
More results


Similar Description - 2N6515

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA42 MCC-MPSA42 Datasheet
656Kb / 3P
NPN Silicon High Voltage Transistor 625mW
MPSA44 MCC-MPSA44 Datasheet
660Kb / 3P
NPN Silicon High Voltage Transistor 625mW
MPSA94 MCC-MPSA94 Datasheet
627Kb / 2P
PNP Silicon High Voltage Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
NPN Silicon High Voltage Transistor 625mW
2N6515 MCC-2N6515_11 Datasheet
295Kb / 7P
High Voltage Transistor 625mW
MPSA42 MCC-MPSA42_11 Datasheet
244Kb / 4P
NPN Silicon High Voltage Transistor 625mW
MPSA44 MCC-MPSA44_11 Datasheet
261Kb / 4P
NPN Silicon High Voltage Transistor 625mW
2N6515 MCC-2N6515_13 Datasheet
341Kb / 7P
High Voltage Transistor 625mW
MPSA44 MCC-MPSA44_16 Datasheet
229Kb / 4P
NPN Silicon High Voltage Transistor 625mW
MPSA94 MCC-MPSA94_13 Datasheet
309Kb / 3P
PNP Silicon High Voltage Transistor 625mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com