Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC848C Datasheet (PDF) - Micro Commercial Components

BC848C Datasheet PDF - Micro Commercial Components
Part # BC848C
Download  BC848C Download
File Size   105.72 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Small Signal Transistor 310mW

BC848C Datasheet (PDF)

Go To PDF Page Download Datasheet
BC848C Datasheet PDF - Micro Commercial Components

Part # BC848C
Download  BC848C Click to download

File Size   105.72 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Small Signal Transistor 310mW

BC848C Datasheet (HTML) - Micro Commercial Components


BC848C Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Power Dissipation: 0.225W (Tamb=25°C)(Note 1)
• Collector Current: 0.1A
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - BC848C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zowie Technology Corpor...
BC848C ZOWIE-BC848C Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC848C SIEMENS-BC848C Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Diodes Incorporated
BC848C DIODES-BC848C Datasheet
60Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
logo
Infineon Technologies A...
BC848C INFINEON-BC848C Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
More results


Similar Description - BC848C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16 Datasheet
255Kb / 3P
NPN Small Signal Transistor 310mW
BC856A MCC-BC856A Datasheet
106Kb / 2P
PNP Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_08 Datasheet
243Kb / 4P
NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_11 Datasheet
384Kb / 4P
NPN Small Signal Transistor 310mW
BC856A MCC-BC856A_11 Datasheet
201Kb / 3P
PNP Small Signal Transistor 310mW
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16_13 Datasheet
466Kb / 4P
NPN Small Signal Transistor 310mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com