Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC848C Datasheet (PDF) - Infineon Technologies AG

BC848C Datasheet PDF - Infineon Technologies AG
Part # BC848C
Download  BC848C Download
File Size   216.64 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon AF Transistors

BC848C Datasheet (PDF)

Go To PDF Page Download Datasheet
BC848C Datasheet PDF - Infineon Technologies AG

Part # BC848C
Download  BC848C Click to download

File Size   216.64 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon AF Transistors

BC848C Datasheet (HTML) - Infineon Technologies AG


BC848C Product details

• For AF input stages and driver applications

• High current gain

• Low collector-emitter saturation voltage

• Low noise between 30 Hz and 15 kHz

• Complementary types:

   BC856...-BC860...(PNP)

• Pb-free (RoHS compliant) package1)

• Qualified according AEC Q101



 




Similar Part No. - BC848C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zowie Technology Corpor...
BC848C ZOWIE-BC848C Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC848C SIEMENS-BC848C Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Diodes Incorporated
BC848C DIODES-BC848C Datasheet
60Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
logo
Micro Commercial Compon...
BC848C MCC-BC848C Datasheet
105Kb / 2P
NPN Small Signal Transistor 310mW
More results


Similar Description - BC848C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
BC846W INFINEON-BC846W Datasheet
229Kb / 8P
NPN Silicon AF Transistors
Dec-11-2001
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
NPN Silicon AF Transistors
2008-10-10
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
NPN Silicon AF Transistors
2011-10-13
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
NPN Silicon AF Transistors
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com