Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52C3V3 Datasheet (PDF) - Micro Commercial Components

BZT52C3V3 Datasheet PDF - Micro Commercial Components
Part # BZT52C3V3
Download  BZT52C3V3 Download
File Size   407.95 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 410 mW Zener Diodes 2.4 to 39 Volts

BZT52C3V3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C3V3 Datasheet PDF - Micro Commercial Components

Part # BZT52C3V3
Download  BZT52C3V3 Click to download

File Size   407.95 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 410 mW Zener Diodes 2.4 to 39 Volts

BZT52C3V3 Datasheet (HTML) - Micro Commercial Components


BZT52C3V3 Product details

Features
• Planar Die Construction
• 500mW Power Dissipation on Ceramic PCB
• General Purpose Medium Current
• Ideally Suited for Automated Assembly Processes
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/RoHS Compliant("P" Suffix designates RoHS Compliant. See ordering information)
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BZT52C3V3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C3V3 DIODES-BZT52C3V3 Datasheet
73Kb / 3P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Diotec Semiconductor
BZT52C3V3 DIOTEC-BZT52C3V3 Datasheet
55Kb / 2P
Surface mount Zener Diodes
logo
Diodes Incorporated
BZT52C3V3 DIODES-BZT52C3V3 Datasheet
79Kb / 3P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 21 - 2
logo
Weitron Technology
BZT52C3V3 WEITRON-BZT52C3V3 Datasheet
106Kb / 3P
Surface Mount Zener Diodes
logo
Diodes Incorporated
BZT52C3V3 DIODES-BZT52C3V3 Datasheet
89Kb / 4P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 28 - 2
More results


Similar Description - BZT52C3V3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
410 mW Zener Diode 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221 MCC-MMSZ5221 Datasheet
250Kb / 5P
500 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
250 mW Zener Diode 2.4 to 39 Volts
MMSZ5254B-TP MCC-MMSZ5254B-TP Datasheet
409Kb / 6P
500 mW Zener Diodes 2.4 to 39 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
410 mW Zener Diode 2.4 to 75 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com