Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2M Datasheet (PDF) - Micro Commercial Components

GS2M Datasheet PDF - Micro Commercial Components
Part # GS2M
Download  GS2M Download
File Size   838.82 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS

GS2M Datasheet (PDF)

Go To PDF Page Download Datasheet
GS2M Datasheet PDF - Micro Commercial Components

Part # GS2M
Download  GS2M Click to download

File Size   838.82 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS

GS2M Datasheet (HTML) - Micro Commercial Components


GS2M Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
• Low Thermal Resistance
• For Surface Mount Application
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - GS2M

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GS2M GULFSEMI-GS2M Datasheet
164Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Micro Commercial Compon...
GS2M MCC-GS2M Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
GS2M CTC-GS2M Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Microdiode Semiconducto...
GS2M CHENDA-GS2M Datasheet
836Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
GS2M SUNMATE-GS2M Datasheet
576Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
More results


Similar Description - GS2M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5A MCC-S5A Datasheet
345Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
GS1A MCC-GS1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
GS1A-TPS05 MCC-GS1A-TPS05 Datasheet
287Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS2A MCC-GS2A_11 Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
S1A MCC-S1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_11 Datasheet
243Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S6A MCC-S6A_08 Datasheet
191Kb / 5P
6 Amp Silicon Rectifier 50 to 1000 Volts
S3M-TP MCC-S3M-TP Datasheet
530Kb / 4P
3 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S2A-L MCC-S2A-L_14 Datasheet
114Kb / 4P
2.0 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com