Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4020 Datasheet (PDF) - Intersil Corporation

HIP4020 Datasheet PDF - Intersil Corporation
Part # HIP4020
Download  HIP4020 Download
File Size   273.24 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors

HIP4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4020 Datasheet PDF - Intersil Corporation

Part # HIP4020
Download  HIP4020 Click to download

File Size   273.24 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors

HIP4020 Datasheet (HTML) - Intersil Corporation


HIP4020 Product details

In the Functional Block Diagram of the HIP4020, the four
switches and a load are arranged in an H-Configuration so
that the drive voltage from terminals OUTA and OUTB can
be cross-switched to change the direction of current flow in
the load. This is commonly known as 4-quadrant load
control. As shown in the Block Diagram, switches Q1 and Q4
are conducting or in an ON state when current flows from
VDD through Q1 to the load, and then through Q4 to terminal
VSSB; where load terminal OUTA is at a positive potential
with respect to OUTB. Switches Q1 and Q4 are operated
synchronously by the control logic. The control logic
switches Q3 and Q2 to an open or OFF state when Q1 and
Q4 are switched ON. To reverse the current flow in the load,
the switch states are reversed where Q1 and Q4 are OFF
while Q2 and Q3 are ON. Consequently, current then flows
from VDD through Q3, through the load, and through Q2 to
terminal VSSA, and load terminal OUTB is then at a positive
potential with respect to OUTA.
Terminals ENA and ENB are ENABLE Inputs for the Logic A
and B Input Controls. The ILF output is an Overcurrent Limit
Fault Flag Output and indicates a fault condition for either
Output A or B or both. The VDD and VSS are the Power
Supply reference terminals for the A and B Control Logic
Inputs and ILF Output. While the VDD positive power supply
terminal is internally connected to each bridge driver, the
VSSA and VSSB Power Supply terminals are separate and
independent from VSS and may be more negative than the
VSS ground reference terminal. The use of level shifters in
the gate drive circuitry to the NMOS (low-side) output stages
allows controlled level shifting of the output drive relative to
ground.

Features
• Two Independent Controlled Complementary MOS Power
Output Half H-Drivers (Full-Bridge) for Nominal 3V to 12V
Power Supply Operation
• Split Voltage Power Supply Option for Output Drivers
• Load Switching Capabilities to 0.5A
• Single Supply Range +2.5V to +15V
• Low Standby Current
• CMOS/TTL Compatible Input Logic
• Over-Temperature Shutdown Protection
• Overcurrent Limit Protection
• Overcurrent Fault Flag Output
• Direction, Braking and PWM Control
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• DC Motor Driver
• Relay and Solenoid Drivers
• Stepper Motor Controller
• Air Core Gauge Instrument Driver
• Speedometer Displays
• Tachometer Displays
• Remote Power Switch
• Battery Operated Switch Circuits
• Logic and Microcontroller Operated Switch




Similar Part No. - HIP4020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020 Datasheet
65Kb / 8P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
June 1997
HIP4020 INTERSIL-HIP4020 Datasheet
280Kb / 9P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
December 20, 2005
logo
Renesas Technology Corp
HIP4020 RENESAS-HIP4020 Datasheet
501Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
logo
Intersil Corporation
HIP4020IB INTERSIL-HIP4020IB Datasheet
65Kb / 8P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
June 1997
HIP4020IB INTERSIL-HIP4020IB Datasheet
280Kb / 9P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
December 20, 2005
More results


Similar Description - HIP4020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
5V & 12V SPINDLE AND VCM MOTORS DRIVER
Jul-2001
logo
Toshiba Semiconductor
TA8482FN TOSHIBA-TA8482FN Datasheet
545Kb / 17P
BRIDGE DRIVER SENSOR AMP 1-CHIP IC FOR DC MOTORS
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020 Datasheet
65Kb / 8P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
June 1997
logo
Toshiba Semiconductor
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
Full-Bridge Driver IC for DC Motors
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
Dual Full-Bridge Driver for Stepping Motors
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020_05 Datasheet
280Kb / 9P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
December 20, 2005
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
Full-Bridge Driver IC for DC Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
Dual Full-Bridge Driver for Stepping Motors
logo
Renesas Technology Corp
HIP4020 RENESAS-HIP4020 Datasheet
501Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com