Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4020 Datasheet (PDF) - Renesas Technology Corp

HIP4020 Datasheet PDF - Renesas Technology Corp
Part # HIP4020
Download  HIP4020 Download
File Size   501.24 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors

HIP4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4020 Datasheet PDF - Renesas Technology Corp

Part # HIP4020
Download  HIP4020 Click to download

File Size   501.24 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors

HIP4020 Datasheet (HTML) - Renesas Technology Corp


HIP4020 Product details

Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors

In the Functional Block Diagram of the HIP4020, the four switches and a load are arranged in an H-Configuration so that the drive voltage from terminals OUTA and OUTB can be cross-switched to change the direction of current flow in the load. This is commonly known as 4-quadrant load control. As shown in the Block Diagram, switches Q1 and Q4 are conducting or in an ON state when current flows from VDD through Q1 to the load, and then through Q4 to terminal VSSB; where load terminal OUTA is at a positive potential with respect to OUTB. Switches Q1 and Q4 are operated synchronously by the control logic. The control logic switches Q3 and Q2 to an open or OFF state when Q1 and Q4 are switched ON. To reverse the current flow in the load, the switch states are reversed where Q1 and Q4 are OFF while Q2 and Q3 are ON. Consequently, current then flows from VDD through Q3, through the load, and through Q2 to terminal VSSA, and load terminal OUTB is then at a positive potential with respect to OUTA.

Features
• Two Independent Controlled Complementary MOS Power Output Half H-Drivers (Full-Bridge) for Nominal 3V to 12V Power Supply Operation
• Split ±Voltage Power Supply Option for Output Drivers
• Load Switching Capabilities to 0.5A
• Single Supply Range +2.5V to +15V
• Low Standby Current
• CMOS/TTL Compatible Input Logic
• Over-Temperature Shutdown Protection
• Overcurrent Limit Protection
• Overcurrent Fault Flag Output
• Direction, Braking and PWM Control
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• DC Motor Driver
• Relay and Solenoid Drivers
• Stepper Motor Controller
• Air Core Gauge Instrument Driver
• Speedometer Displays
• Tachometer Displays
• Remote Power Switch
• Battery Operated Switch Circuits
• Logic and Microcontroller Operated Switch




Similar Part No. - HIP4020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020 Datasheet
65Kb / 8P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
June 1997
HIP4020 INTERSIL-HIP4020 Datasheet
280Kb / 9P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
December 20, 2005
HIP4020 INTERSIL-HIP4020 Datasheet
273Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
HIP4020IB INTERSIL-HIP4020IB Datasheet
65Kb / 8P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
June 1997
HIP4020IB INTERSIL-HIP4020IB Datasheet
280Kb / 9P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
December 20, 2005
More results


Similar Description - HIP4020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
5V & 12V SPINDLE AND VCM MOTORS DRIVER
Jul-2001
logo
Toshiba Semiconductor
TA8482FN TOSHIBA-TA8482FN Datasheet
545Kb / 17P
BRIDGE DRIVER SENSOR AMP 1-CHIP IC FOR DC MOTORS
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020 Datasheet
65Kb / 8P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
June 1997
logo
Toshiba Semiconductor
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
Full-Bridge Driver IC for DC Motors
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
Dual Full-Bridge Driver for Stepping Motors
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020_05 Datasheet
280Kb / 9P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
December 20, 2005
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
Full-Bridge Driver IC for DC Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
Dual Full-Bridge Driver for Stepping Motors
logo
Intersil Corporation
HIP4020IB INTERSIL-HIP4020IB Datasheet
273Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com