Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4020 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP4020
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4020 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP4020 Datasheet HTML 1Page - Renesas Technology Corp HIP4020 Datasheet HTML 2Page - Renesas Technology Corp HIP4020 Datasheet HTML 3Page - Renesas Technology Corp HIP4020 Datasheet HTML 4Page - Renesas Technology Corp HIP4020 Datasheet HTML 5Page - Renesas Technology Corp HIP4020 Datasheet HTML 6Page - Renesas Technology Corp HIP4020 Datasheet HTML 7Page - Renesas Technology Corp HIP4020 Datasheet HTML 8Page - Renesas Technology Corp HIP4020 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HIP4020
FN3976 Rev 4.00
Page 4 of 10
September 17, 2015
Thermal Shutdown
TSD
-
145
-
°C
Response Time: VEN to VOUT
Turn-On: Prop Delay
tPLH
IO = 0.5A (Note 3)
-
2.5
-
s
Rise Time
tr
-4
-
s
Turn-Off: Prop Delay
tPHL
-0.1
-
s
Fall Time
tf
-0.1
-
s
Electrical Specifications
TA = 25°C, VDD = +5V, VSSA = VSSB = VSS = 0V, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
12, 19
VDD
Positive Power Supply pins; internally common and externally connect to the same Positive Supply (V+).
15
VSSA
Negative Power Supply pin; Negative or Ground return for Switch Driver A; externally connect to the Supply
(V-).
16
VSSB
Negative Power Supply pin; Negative or Ground return for Switch Driver B; externally connect to the Supply
(V-).
6VSS
Common Ground pin for the Input Logic Control circuits. May be used as a common ground with VSSA and
VSSB.
8, 5
A1, B1
Input pins used to control the direction of output load current to/from OUTA and OUTB, respectively. When
connected, A1 and B1 can be controlled from the same logic signal to change the directional rotation of a
motor.
9, 3
A2, B2
Input pins used to force a low state on OUTA and OUTB, respectively. When connected, A2 and B2 can be
controlled from the same logic signal to activate Dynamic Braking of a motor.
7, 4
ENA, ENB
Input pins used to Enable Switch Driver A and Switch Driver B, respectively. When Low, the respective
output is in a high impedance (Z) off-state. Since each Switch Driver is independently controlled, OUTA and
OUTB may be a separately PWM controlled as Half H-Switch Drivers.
14, 17
OUTA, OUTB
Respectively, Switch Driver A and Switch Driver B Output pins.
2
ILF
Current Limiting Fault Output Flag pin; when in a high logic state, signifies that Switch Driver A or B or both
are in a Current Limiting Fault Mode.
HIP4020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com