Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4020 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP4020
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4020 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP4020 Datasheet HTML 2Page - Renesas Technology Corp HIP4020 Datasheet HTML 3Page - Renesas Technology Corp HIP4020 Datasheet HTML 4Page - Renesas Technology Corp HIP4020 Datasheet HTML 5Page - Renesas Technology Corp HIP4020 Datasheet HTML 6Page - Renesas Technology Corp HIP4020 Datasheet HTML 7Page - Renesas Technology Corp HIP4020 Datasheet HTML 8Page - Renesas Technology Corp HIP4020 Datasheet HTML 9Page - Renesas Technology Corp HIP4020 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HIP4020
FN3976 Rev 4.00
Page 6 of 10
September 17, 2015
DIRECTION Input Control terminal. The MOS output transistor
pair chosen for conduction is determined by the logic level applied
to the DIRECTION control; resulting in either clockwise (CW) or
counter-clockwise (CCW) shaft rotation.
When the BRAKE terminal is switched high (while holding the
ENABLE input high), the gates of both Q2 and Q4 are driven
high. Current flowing through Q2 (from the motor terminal
OUTA) at the moment of Dynamic Braking will continue to flow
through Q2 to the VSSA and VSSB external connection, and
then continue through diode D4 to the motor terminal OUTB.
As such, the resistance of the motor winding (and the series-
connected path) dissipates the kinetic energy stored in the
system. Reversing rotation, current flowing through Q4 (from
the motor terminal OUTB), at the moment of Dynamic Braking,
would continue to flow through Q4 to the VSSB and VSSA tie,
and then continue through diode D2 to the motor terminal
OUTA, to dissipate the stored kinetic energy as previously
described.
Where VDD to VSS are the Power Supply reference terminals
for the Control Logic, the lowest practical supply voltage for
proper logic control should be no less than 2.0V. The VSSA and
VSSB terminals are separate and independent from VSS and
may be more negative than the VSS ground reference terminal.
However, the maximum supply level from VDD to VSSA or
VSSB must not be greater than the Absolute Maximum Supply
Voltage rating.
Terminals A1, B1, A2, B2, ENA and ENB are internally
connected to protection circuits intended to guard the CMOS
gate-oxides against damage due to electrostatic discharge.
(See Figure 3) Inputs ENA, ENB, A1, B1 A2 and B2 have
CD74HCT4000 Logic Interface Protection and Level
Converters for TTL or CMOS Input Logic. These inputs are
designed to typically provide ESD protection up to 2kV.
However, these devices are sensitive to electrostatic
discharge. Proper I.C. handling procedures should be
followed.
INPUT
LEVEL
CONV.
VDD
FIGURE 3. LOGIC INPUT ESD INTERFACE PROTECTION
A1
A2
ENA
(DIR)
(BRAKE)
(ENABLE)
OT AND OC
PROTECT
N-DR
LIMIT
P-DR
LIMIT
Q2
D2
Q1
D1
VDD
VSSA
OUTA
B1
B2
ENB
(DIR)
(BRAKE)
(ENABLE)
OT AND OC
PROTECT
N-DR
LIMIT
P-DR
LIMIT
Q4
D4
Q3
D3
VDD
VSSB
OUTB
FIGURE 4. EQUIVALENT CONTROL LOGIC A AND B SHOWN DRIVING THE OUTA AND OUTB OUTPUT DRIVERS
HIP4020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com