Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4020 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HIP4020
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4020 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HIP4020 Datasheet HTML 1Page - Renesas Technology Corp HIP4020 Datasheet HTML 2Page - Renesas Technology Corp HIP4020 Datasheet HTML 3Page - Renesas Technology Corp HIP4020 Datasheet HTML 4Page - Renesas Technology Corp HIP4020 Datasheet HTML 5Page - Renesas Technology Corp HIP4020 Datasheet HTML 6Page - Renesas Technology Corp HIP4020 Datasheet HTML 7Page - Renesas Technology Corp HIP4020 Datasheet HTML 8Page - Renesas Technology Corp HIP4020 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HIP4020
FN3976 Rev 4.00
Page 3 of 10
September 17, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage; VDD to VSS or VSSA or VSSB . . . . . . . . . . . . .+15V
Neg. Output Supply Voltage, (VSSA, VSSB) . . . . . . . . . . . . (Note 1)
DC Logic Input Voltage (Each Input) . . . (VSS -0.5V) to (VDD +0.5V)
DC Logic Input Current (Each Input)
15mA
ILF Fault Output Current
15mA
Output Load Current, (Self Limiting, See Elec. Spec.)
IO(LIMIT)
Operating Conditions TA = 25°C
Typical Operating Supply Voltage Range, VDD . . . . . . . +3 to +12V
Low Voltage Logic Retention, Min. VDD. . . . . . . . . . . . . . . . . . . .+2V
Idle Supply Current; No Load, VDD = +5V. . . . . . . . . . . . . . . .0.8mA
Typical P+N Channel rDS(ON), VDD = +5V, 0.5A Load . . . . . . . . 2
Thermal Resistance (Typical, Note 2)
JA (°C/W)
Plastic SOIC Package . . . . . . . . . . . . . . . . . . . . . . .
105
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. VSS is the required common ground reference for the logic input switching. The load currents may be switched positive and negative in reference
to the VSS common ground by using a split supply for VDD (positive) to VSSA and VSSB (negative). For an uneven split in the supply voltage,
the Maximum Negative Output Supply Voltage for VSSA and VSSB is limited by the Maximum VDD to VSSA or VSSB ratings. Since the VDD pins
are internally tied together, the voltage on each VDD pins must be equal and common.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
3. Refer to the Truth Table and the VEN to VOUT Switching Waveforms. Current, IO refers to IOUTA or IOUTB as the Output Load current. Note that
ENA controls OUTA and ENB controls OUTB. Each Half H-Switch has independent control from the respective A1, A2, ENA or B1, B2, ENB
inputs. Refer to the Terminal Information Table for external pin connections to establish mode control switching. Figure 1 shows a typical
application circuit used to control a DC Motor.
Electrical Specifications
TA = 25°C, VDD = +5V, VSSA = VSSB = VSS = 0V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage Current
ILEAK
VDD = +15V
-
-
25
nA
Low Level Input Voltage
VIL
VSS
-0.8
V
High Level Input Voltage
VIH
2-
VDD
V
ILF Output Low, Sink Current
IOH
VOUT = 0.4V, VDD = +12V
15
-
-
mA
ILF Output High, Source Current
IOL
VOUT = 11.6V, VDD = +12V
-
-
-15
mA
Input Capacitance
CIN
-2
-
pF
P-Channel rDS(ON), Low Supply Voltage
rDS(ON)
VDD = +3V, ISOURCE = 250mA
-
1.6
2.1
N-Channel rDS(ON), Low Supply Voltage
rDS(ON)
VDD = +3V, ISINK = 250mA
-
1
1.5
P-Channel rDS(ON), High Supply Voltage
rDS(ON)
VDD = +12V, ISOURCE = 400mA
-
0.6
1.2
N-Channel rDS(ON), High Supply Voltage
rDS(ON)
VDD = +12V, ISINK = 400mA
-
0.5
1.1
OUTA, OUTB Source Current Limiting
IO(LIMIT)
VDD = +6V, VSS = 0V, VSSA = VSSB = -6V
480
625
1500
mA
OUTA, OUTB Sink Current Limiting
-IO(LIMIT)
VDD = +6V, VSS = 0V, VSSA= VSSB = -6V
480
800
1500
mA
Idle Supply Current; No Load
IDD
-0.8
1.5
mA
OUTA, OUTB Voltage High
VOH
ISOURCE = 450mA
4.2
4.5
-
V
OUTA, OUTB Voltage Low
VOL
ISINK = 450mA
-
0.4
0.6
V
OUTA, OUTB Voltage High
VOH
VDD = +3V, ISOURCE = 250mA
2.415
2.6
-
V
OUTA, OUTB Voltage Low
VOL
VDD = +3V, ISINK = 250mA
-
0.25
0.375
V
OUTA, OUTB Source Current Limiting
IO(LIMIT)
VDD = +12V
480
625
1500
mA
OUTA, OUTB Sink Current Limiting
-IO(LIMIT)
VDD = +12V
480
800
1500
mA
OUTA, OUTB Source Current Limiting
IO(LIMIT)
VDD = +3V
480
625
1500
mA
OUTA, OUTB Sink Current Limiting
-IO(LIMIT)
VDD = +3V
480
800
1500
mA
HIP4020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com