Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6004ECVZ Datasheet (PDF) - Intersil Corporation

HIP6004ECVZ Datasheet PDF - Intersil Corporation
Part # HIP6004ECVZ
Download  HIP6004ECVZ Download
File Size   502.22 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor

HIP6004ECVZ Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6004ECVZ Datasheet PDF - Intersil Corporation

Part # HIP6004ECVZ
Download  HIP6004ECVZ Click to download

File Size   502.22 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor

HIP6004ECVZ Datasheet (HTML) - Intersil Corporation


HIP6004ECVZ Product details

The HIP6004E provides complete control and protection for a
DC-DC converter optimized for high-performance
microprocessor applications. It is designed to drive two
N-Channel MOSFETs in a synchronous-rectified buck topology.
The HIP6004E integrates all of the control, output adjustment,
monitoring and protection functions into a single package.
The output voltage of the converter is easily adjusted and
precisely regulated. The HIP6004E includes a 5-input digitalto-analog converter (DAC) that adjusts the output voltage
from 1.05VDC to 1.825VDC in 25mV increments steps. The
precision reference and voltage-mode regulator hold the
selected output voltage to within ±1% over temperature and
line voltage variations.
The HIP6004E provides simple, single feedback loop,
voltage-mode control with fast transient response. It includes
a 200kHz free-running triangle-wave oscillator that is
adjustable from below 50kHz to over 1MHz. The error
amplifier features a 15MHz gain-bandwidth product and
6V/µs slew rate which enables high converter bandwidth for
fast transient performance. The resulting PWM duty ratio
ranges from 0% to 100%.
The HIP6004E monitors the output voltage with a window
comparator that tracks the DAC output and issues a Power
Good signal when the output is within ±10%. The HIP6004E
protects against over-current and overvoltage conditions by
inhibiting PWM operation. Additional built-in overvoltage
protection triggers an external SCR to crowbar the input
supply. The HIP6004E monitors the current by using the
rDS(ON) of the upper MOSFET which eliminates the need for
a current sensing resistor.

Features
• Drives two N-Channel MOSFETs
• Operates from +5V or +12V Input
• Simple single-loop control design
- Voltage-mode PWM control
• Fast transient response
- High-bandwidth error amplifier
- Full 0% to 100% Duty Ratio
• Excellent output voltage regulation
- ±1% Over Line Voltage and Temperature
• 5-Bit digital-to-analog output
Voltage Selection
- 25mV binary steps . . . . . . . . . . . 1.05VDC to 1.825VDC
• Power good output voltage monitor
• Overvoltage and overcurrent fault monitors
- Does not require extra current sensing element,
Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator Programmable from
50kHz to over 1MHz
• Pb-free available

Applications
• VRM8.5 modules for Pentium III and Other
Microprocessors
• High-Power DC-DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - HIP6004ECVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004ECVZ INTERSIL-HIP6004ECVZ Datasheet
499Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
HIP6004ECVZ INTERSIL-HIP6004ECVZ Datasheet
507Kb / 13P
Drives two N-Channel MOSFETs
July 2004
logo
Renesas Technology Corp
HIP6004ECVZ RENESAS-HIP6004ECVZ Datasheet
821Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
More results


Similar Description - HIP6004ECVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1997 10
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1999 02
HIP6004D INTERSIL-HIP6004D Datasheet
202Kb / 11P
Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor
2000 04
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2004 07
HIP6004A INTERSIL-HIP6004A_02 Datasheet
445Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
November 2002
HIP6004E INTERSIL-HIP6004E Datasheet
499Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
October 2003
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004 RENESAS-HIP6004 Datasheet
791Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com