Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6146 Datasheet (PDF) - Intersil Corporation

ISL6146 Datasheet PDF - Intersil Corporation
Part # ISL6146
Download  ISL6146 Download
File Size   1147.96 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Voltage OR-ing FET Controller

ISL6146 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6146 Datasheet PDF - Intersil Corporation

Part # ISL6146
Download  ISL6146 Click to download

File Size   1147.96 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Voltage OR-ing FET Controller

ISL6146 Datasheet (HTML) - Intersil Corporation


ISL6146 Product details

The ISL6146 represents a family of OR-ing MOSFET controllers
capable of OR-ing voltages from 1V to 18V. Together with suitably
sized N-channel power MOSFETs, the ISL6146 increases power
distribution efficiency when replacing a power OR-ing diode in high
current applications. It provides gate drive voltage for the
MOSFET(s) with a fully integrated charge pump.
The ISL6146 allows users to adjust with external resistor(s) the
VOUT - VIN trip point, which adjusts the control sensitivity to system
power supply noise. An open drain FAULT pin will indicate if a
conditional or FET fault has occurred.
The ISL6146A and ISL6146B are optimized for very low voltage
operation, down to 1V with an additional independent bias of 3V
or greater.
The ISL6146C provides a voltage compliant mode of operation
down to 3V with programmable undervoltage lock out and
overvoltage protection threshold levels.
The ISL6146D and ISL6146E are like the ISL6146A and ISL6146B
respectively, but do not have conduction state reporting via the
fault output.

Features
• OR-ing down to 1V and up to 20V with ISL6146A, ISL6146B,
ISL6146D and ISL6146E
• Programmable voltage compliant operation with ISL6146C
• VIN hot swap transient protection rating to +24V
• High speed comparator provides fast <0.3µs turn-off in
response to shorts on sourcing supply
• Fastest reverse current fault isolation with 6A turn-off
current
• Very smooth switching transition
• Internal charge pump to drive N-channel MOSFET
• User programmable VIN - VOUT Vth for noise immunity
• Open-drain FAULT output with delay
- Short between any two of the OR-ing FET terminals
- GATE voltage and excessive FET VDS
- Power-good indicator (ISL6146C)
• MSOP and DFN package options

Applications
• N+1 industrial and telecom power distribution systems
• Uninterruptable power supplies
• Low voltage processor and memory
• Storage and datacom system




Similar Part No. - ISL6146

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 23P
Low Voltage ORing FET Controller
December 16, 2011
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
April 26, 2013
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146A INTERSIL-ISL6146A Datasheet
1Mb / 23P
Low Voltage ORing FET Controller
December 16, 2011
ISL6146A INTERSIL-ISL6146A Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
April 26, 2013
More results


Similar Description - ISL6146

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
Low Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
LM5050-2 High Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
LM5050-2 High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
April 26, 2013
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
High Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
Low Side OR-ing FET Controller
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com