Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6146 Datasheet (PDF) - Intersil Corporation

ISL6146 Datasheet PDF - Intersil Corporation
Part # ISL6146
Download  ISL6146 Download
File Size   1226.86 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Voltage ORing FET Controller

ISL6146 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6146 Datasheet PDF - Intersil Corporation

Part # ISL6146
Download  ISL6146 Click to download

File Size   1226.86 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Voltage ORing FET Controller

ISL6146 Datasheet (HTML) - Intersil Corporation


ISL6146 Product details

The ISL6146 represents a family of OR-ing MOSFET controllers capable of OR-ing voltages from 1V to 18V. Together with suitably sized N-channel power MOSFETs, the ISL6146 increases power distribution efficiency when replacing a power OR-ing diode in high current applications. It provides gate drive voltage for the MOSFET(s) with a fully integrated charge pump.

Features
• OR-ing Down to 1V and Up to 20V with ISL6146A, ISL6146B, ISL6146D and ISL6146E
• Programmable Voltage Compliant Operation with ISL6146C
• VIN Hot Swap Transient Protection Rating to +24V
• High Speed Comparator Provides Fast <0.3µs Turn-off in Response to Shorts on Sourcing Supply
• Fastest Reverse Current Fault Isolation with 6A Turn-off Current
• Very Smooth Switching Transition
• Internal Charge Pump to Drive N-channel MOSFET
• User Programmable VIN - VOUT Vth for Noise Immunity
• Open Drain FAULT Output with Delay
    - Short between any two of the OR-ing FET Terminals
    - GATE Voltage and Excessive FET VDS
    - Power-Good Indicator (ISL6146C)
• MSOP and DFN Package Options

Applications
• N+1 Industrial and Telecom Power Distribution Systems
• Uninterruptable Power Supplies
• Low Voltage Processor and Memory
• Storage and Datacom Systems




Similar Part No. - ISL6146

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
April 26, 2013
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
August 17, 2015
ISL6146A INTERSIL-ISL6146A Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
April 26, 2013
logo
Renesas Technology Corp
ISL6146A RENESAS-ISL6146A Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
More results


Similar Description - ISL6146

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144_07 Datasheet
874Kb / 29P
High Voltage ORing MOSFET Controller
February 15, 2007
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
ACTIVE ORING CONTROLLER MODULE
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144 Datasheet
1Mb / 29P
High Voltage ORing MOSFET Controller
October 8, 2010
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Intersil Corporation
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
High Voltage ORing MOSFET Controller
October 6, 2011
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Renesas Technology Corp
ISL6144 RENESAS-ISL6144 Datasheet
1Mb / 30P
High Voltage ORing MOSFET Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com