Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4045WT Datasheet (PDF) - Micro Commercial Components

MBR4045WT Datasheet PDF - Micro Commercial Components
Part # MBR4045WT
Download  MBR4045WT Download
File Size   1046.42 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 40 Amp Schottky Barrier Rectifier 20 to 60 Volts

MBR4045WT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR4045WT Datasheet PDF - Micro Commercial Components

Part # MBR4045WT
Download  MBR4045WT Click to download

File Size   1046.42 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 40 Amp Schottky Barrier Rectifier 20 to 60 Volts

MBR4045WT Datasheet (HTML) - Micro Commercial Components


MBR4045WT Product details

Features
• High Surge Capacity
• Low Power Loss, High Efficiency
• High Current Capability, Low VF
• Metal of silicon Rectifier, majority Carrier Conduction
• Guard Ring For Transient Protection
• Plastic Package Has UL Flammability Classification 94V-0




Similar Part No. - MBR4045WT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR4045WT MOTOROLA-MBR4045WT Datasheet
75Kb / 4P
SWITCHMODE??Power Rectifier
logo
International Rectifier
MBR4045WT IRF-MBR4045WT Datasheet
205Kb / 7P
SCHOTTKY RECTIFIER 40 Amp
logo
Vishay Siliconix
MBR4045WT VISHAY-MBR4045WT Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
logo
ON Semiconductor
MBR4045WT ONSEMI-MBR4045WT Datasheet
125Kb / 4P
SWITCHMODE??Power Rectifier
March, 2010 ??Rev. 8
logo
Digitron Semiconductors
MBR4045WT DIGITRON-MBR4045WT Datasheet
142Kb / 2P
40A SCHOTTKY RECTIFIER
More results


Similar Description - MBR4045WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020WT MCC-MBR3020WT Datasheet
1Mb / 2P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720 Datasheet
107Kb / 2P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
SRD602 MCC-SRD602 Datasheet
375Kb / 2P
Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
MBR3020PT MCC-MBR3020PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR1620 MCC-MBR1620_08 Datasheet
100Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX02520 MCC-MBRX02520_08 Datasheet
198Kb / 5P
0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Micro Commercial Compon...
MBRB1620CT MCC-MBRB1620CT_17 Datasheet
592Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com