Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4045WT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR4045WT
Description  40 Amp Schottky Barrier Rectifier 20 to 60 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR4045WT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR4045WT Datasheet HTML 1Page - Micro Commercial Components MBR4045WT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l
High Surge Capacity
l
Low Power Loss, High Efficiency
l
High Current Capability, Low VF
l
Metal of silicon Rectifier, majority Carrier Conduction
l
Guard Ring For Transient Protection
l
Plastic Package Has UL Flammability Classification 94V-0
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +175oC
MBR4020WT
20V
14V
20V
MBR4030WT
30V
21V
30V
MBR4035WT
35V
24.5V
35V
MBR4040WT
40V
28V
40V
MBR4045WT
45V
31.5V
45V
MBR4060WT
60V
42V
60V
MCC Part Number
Maximum
Recurrent Peak
Reverse Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR4020WT
THRU
MBR4060WT
40 Amp Schottky
Barrier Rectifier
20 to 60 Volts
Electrical Characteristics @25oC Unless Otherwise Specified
Pulse test: Pulse width 300 usec, duty cycle 2%.
www.mccsemi.com
Average Forward Current
IF(AV)
40.0A
TC=125
oC
Peak Forward Surge
Current
IFSM
400A
8.3ms half sine
Maximum Instantaneous
Forward Voltage
MBR4020WT-4045WT
MBR4060WT
VF
.70V
IFM=20.0A
.80V
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
1.0mA
T C=25
oC
Typical Junction
Capacitance
Cj
700pF
Measured at
1.0MHz,
V R=4.0V
PIN 1
PIN 3
PIN 2
CASE
E
L
Q
P
N
M
F
C
B
A
O
K
J
I
H
G
D

INCHES
MM






A
.620
.640
15.75
16.25
B
.837
.856
21.25
21.75
O
.076
.086
1.93
2.18
C
.772
.791
19.60
20.10
D
.149
.172
3.78
4.38
E
.074
.082
1.88
2.08
F
.192
.202
4.87
5.13
G
.173 TYP
4.4 TYP
H
.075
.085
1.90
2.16
I
.115
.127
2.93
3.22
J
.044
.048
1.12
1.22
K
.114
.126
2.90
3.20
L
.205
.224
5.20
5.70
M
.083
.095
2.10
2.40
N
.020
.030
0.51
0.76
T C=25
oC
MBR4020WT-4045WT
MBR4060WT
.80V
IFM=40.0A
.90V
T C=2 5
oC
100mA
T C= 1 25
oC
10
° TYP
20
° TYP
Q
P
L
PIN
1
2
3
TO-247

 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBR4045WT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR4045WT MOTOROLA-MBR4045WT Datasheet
75Kb / 4P
SWITCHMODE??Power Rectifier
logo
International Rectifier
MBR4045WT IRF-MBR4045WT Datasheet
205Kb / 7P
SCHOTTKY RECTIFIER 40 Amp
logo
Vishay Siliconix
MBR4045WT VISHAY-MBR4045WT Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
logo
ON Semiconductor
MBR4045WT ONSEMI-MBR4045WT Datasheet
125Kb / 4P
SWITCHMODE??Power Rectifier
March, 2010 ??Rev. 8
logo
Digitron Semiconductors
MBR4045WT DIGITRON-MBR4045WT Datasheet
142Kb / 2P
40A SCHOTTKY RECTIFIER
More results

Similar Description - MBR4045WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020WT MCC-MBR3020WT Datasheet
1Mb / 2P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720 Datasheet
107Kb / 2P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
SRD602 MCC-SRD602 Datasheet
375Kb / 2P
Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
MBR3020PT MCC-MBR3020PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR1620 MCC-MBR1620_08 Datasheet
100Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX02520 MCC-MBRX02520_08 Datasheet
198Kb / 5P
0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Micro Commercial Compon...
MBRB1620CT MCC-MBRB1620CT_17 Datasheet
592Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com