Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5162 Datasheet (PDF) - Intersil Corporation

EL5162 Datasheet PDF - Intersil Corporation
Part # EL5162
Download  EL5162 Download
File Size   574.2 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 500MHz Low Power Current Feedback Amplifiers with Enable

EL5162 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5162 Datasheet PDF - Intersil Corporation

Part # EL5162
Download  EL5162 Click to download

File Size   574.2 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 500MHz Low Power Current Feedback Amplifiers with Enable

EL5162 Datasheet (HTML) - Intersil Corporation


EL5162 Product details

The EL5162, EL5163, EL5262, EL5263 and EL5362 are
current feedback amplifiers with a bandwidth of 500MHz. This
makes these amplifiers ideal for today’s high speed video and
monitor applications.
With a supply current of just 1.5mA per amplifier and the
ability to run from a single supply voltage from 5V to 12V,
these amplifiers are also ideal for handheld, portable or
battery-powered equipment.
The EL5162, EL5262 and EL5362 also incorporate an enable
and disable function to reduce the supply current to 14µA
typical per amplifier. Allowing the CE pin to float or applying a
low logic level enables the amplifier.
The EL5162 is available in 6 Ld SOT-23 and 8 Ld SOIC
packages, the EL5163 in 5 Ld SOT-23 and SC-70 packages,
the EL5262 in the 10 Ld MSOP package, the EL5263 in 8 Ld
MSOP and SOIC packages, and the EL5362 in 16 Ld SOIC
(0.150”) and QSOP packages. All operate over the industrial
temperature range of -40°C to +85°C.

Features
• 500MHz -3dB bandwidth
• 4000V/µs slew rate (EL5162 and EL5163)
• 1.5mA supply current per amplifier
• Single and dual supply operation, from 5V to 12V supply
span
• Fast enable/disable (EL5162, EL5262 and EL5362 only)
• Available in SOT-23 packages
• Pb-free (RoHS compliant)
• High speed, 1.4GHz product available (EL5166 and EL5167)
• High speed, 4mA, 600MHz product available (EL5164,
EL5165 and EL5364)

Applications
• Battery-powered equipment
• Handheld portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters




Similar Part No. - EL5162

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
300MHz Low Power Current Feedback Amplifiers with Enable
September 8, 2005
EL5162 INTERSIL-EL5162 Datasheet
328Kb / 14P
500MHz Low Power Current Feedback Amplifiers with Enable
March 16, 2007
EL5162 INTERSIL-EL5162 Datasheet
332Kb / 15P
500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162IS INTERSIL-EL5162IS Datasheet
253Kb / 9P
300MHz Low Power Current Feedback Amplifiers with Enable
September 8, 2005
More results


Similar Description - EL5162

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
300MHz Low Power Current Feedback Amplifiers with Enable
September 8, 2005
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
500MHz Low Power Current Feedback Amplifiers with Enable
March 16, 2007
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
1.4GHz Current Feedback Amplifiers with Enable
October 17, 2007
EL5166 INTERSIL-EL5166_07 Datasheet
508Kb / 15P
1.4GHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
500MHz Low Power Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
1.4GHz Current Feedback Amplifiers with Enable
September 14, 2010
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
500MHz Low Power Current Feedback Amplifiers with Enable
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
600MHz Current Feedback Amplifiers with Enable
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
1.4GHz Current Feedback Amplifiers with Enable
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com