Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5162 Datasheet (PDF) - Intersil Corporation

EL5162 Datasheet PDF - Intersil Corporation
Part # EL5162
Download  EL5162 Download
File Size   253.55 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 300MHz Low Power Current Feedback Amplifiers with Enable

EL5162 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5162 Datasheet PDF - Intersil Corporation

Part # EL5162
Download  EL5162 Click to download

File Size   253.55 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 300MHz Low Power Current Feedback Amplifiers with Enable

EL5162 Datasheet (HTML) - Intersil Corporation


EL5162 Product details

The EL5162, EL5163, EL5262, EL5263 and EL5362 are current feedback amplifiers with a bandwidth of 500MHz. This makes these amplifiers ideal for today’s high speed video and monitor applications.
With a supply current of just 1.5mA per amplifier and the ability to run from a single supply voltage from 5V to 12V, these amplifiers are also ideal for handheld, portable or battery-powered equipment.
The EL5162, EL5262 and EL5362 also incorporate an enable and disable function to reduce the supply current to 14µA typical per amplifier. Allowing the CE pin to float or applying a low logic level enables the amplifier.
The EL5162 is available in 6 Ld SOT-23 and 8 Ld SOIC packages, the EL5163 in 5 Ld SOT-23 and SC-70 packages, the EL5262 in the 10 Ld MSOP package, the EL5263 in 8 Ld MSOP and SOIC packages, and the EL5362 in 16 Ld SOIC (0.150”) and QSOP packages. All operate over the industrial temperature range of -40°C to +85°C.

Features
• 500MHz -3dB bandwidth
• 4000V/µs slew rate (EL5162 and EL5163)
• 1.5mA supply current per amplifier
• Single and dual supply operation, from 5V to 12V supply span
• Fast enable/disable (EL5162, EL5262 and EL5362 only)
• Available in SOT-23 packages
• Pb-free (RoHS compliant)
• High speed, 1.4GHz product available (EL5166 and EL5167)
• High speed, 4mA, 600MHz product available (EL5164, EL5165 and EL5364)

Applications
• Battery-powered equipment
• Handheld portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters




Similar Part No. - EL5162

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
328Kb / 14P
500MHz Low Power Current Feedback Amplifiers with Enable
March 16, 2007
EL5162 INTERSIL-EL5162 Datasheet
332Kb / 15P
500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
574Kb / 18P
500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
EL5162IS INTERSIL-EL5162IS Datasheet
328Kb / 14P
500MHz Low Power Current Feedback Amplifiers with Enable
March 16, 2007
More results


Similar Description - EL5162

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
Single 300MHz Current Feedback Amplifier with Enable
March 1, 2004
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
Single 300MHz Current Feedback Amplifier with Enable
April 24, 2006
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
500MHz Low Power Current Feedback Amplifiers with Enable
March 16, 2007
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
500MHz Low Power Current Feedback Amplifiers with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
Single 300MHz Current Feedback Amplifier with Enable
May 16, 2007
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
500MHz Low Power Current Feedback Amplifiers with Enable
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com