Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA14 Datasheet (PDF) - Micro Commercial Components

MMBTA14 Datasheet PDF - Micro Commercial Components
Part # MMBTA14
Download  MMBTA14 Download
File Size   166.84 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Darlington Amplifier Transistor

MMBTA14 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA14 Datasheet PDF - Micro Commercial Components

Part # MMBTA14
Download  MMBTA14 Click to download

File Size   166.84 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Darlington Amplifier Transistor

MMBTA14 Datasheet (HTML) - Micro Commercial Components


MMBTA14 Product details

Features
• Operating And Storage Temperatures –55°C to +150°C
• RθJA is 556OC/W (Mounted on FR-5 PCB 1.0”x0.75”x0.062”)
• Capable of 225mWatts of Power Dissipation
•  Halogen free available upon request by adding suffix "-HF"
• Marking: MMBTA13 ---K2D; MMBTA14 ---K3D
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - MMBTA14

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA14 TRSYS-MMBTA14 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA14 SAMSUNG-MMBTA14 Datasheet
28Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA14 FAIRCHILD-MMBTA14 Datasheet
55Kb / 3P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA14 DIODES-MMBTA14 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30047 Rev. 4 - 2
logo
KEC(Korea Electronics)
MMBTA14 KEC-MMBTA14 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
More results


Similar Description - MMBTA14

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
MMBTA14 SAMSUNG-MMBTA14 Datasheet
28Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13_08 Datasheet
154Kb / 5P
NPN Darlington Amplifier Transistor
logo
SeCoS Halbleitertechnol...
MMBTA13 SECOS-MMBTA13 Datasheet
885Kb / 3P
Darlington Amplifier Transistor NPN Silicon
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13_11 Datasheet
265Kb / 5P
NPN Darlington Amplifier Transistor
logo
New Jersey Semi-Conduct...
MPSU45 NJSEMI-MPSU45 Datasheet
85Kb / 2P
NPN SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
Galaxy Semi-Conductor H...
MMBTA13 BILIN-MMBTA13_14 Datasheet
133Kb / 3P
NPN Darlington Amplifier Transistor
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13_17 Datasheet
277Kb / 5P
NPN Darlington Amplifier Transistor
logo
Shenzhen Luguang Electr...
BCV27 LUGUANG-BCV27 Datasheet
770Kb / 4P
NPN Darlington Amplifier Transistor
MMBTA13 LUGUANG-MMBTA13 Datasheet
618Kb / 2P
NPN Darlington Amplifier Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com