Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6313 Datasheet (PDF) - Intersil Corporation

ISL6313 Datasheet PDF - Intersil Corporation
Part # ISL6313
Download  ISL6313 Download
File Size   632.58 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications

ISL6313 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6313 Datasheet PDF - Intersil Corporation

Part # ISL6313
Download  ISL6313 Click to download

File Size   632.58 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications

ISL6313 Datasheet (HTML) - Intersil Corporation


ISL6313 Product details

The ISL6313 two-phase PWM control IC provides a
precision voltage regulation system for advanced
microprocessors. The integration of power MOSFET drivers
into the controller IC marks a departure from the separate
PWM controller and driver configuration of previous
multi-phase product families. By reducing the number of
external parts, this integration is optimized for a cost and
space saving power management solution.
One outstanding feature of this controller IC is its
multiprocessor compatibility, allowing it to work with both Intel
and AMD microprocessors. Included are programmable VID
codes for Intel VR11 as well as AMD 5-bit and 6-bit DAC tables.
A circuit is provided for remote voltage sensing, compensating
for any potential difference between remote and local grounds.
The output voltage can also be positively or negatively offset
through the use of a single external resistor.
The ISL6313 also includes advanced control loop features
for optimal transient response to load apply and removal.
One of these features is highly accurate, fully differential,
continuous DCR current sensing for load line programming
and channel current balance. Active Pulse Positioning (APP)
Modulation and Adaptive Phase Alignment (APA) are two
other unique features, allowing for quicker initial response to
high di/dt load transients. With this quicker initial response to
load transients, the number of output bulk capacitors can be
reduced, helping to reduce cost.
Integrated into the ISL6313 are user programmable current
sense resistors, which require only a single external resistor
to set their values. No external current sense resistors are
required. Another unique feature of the ISL6313 is the
addition of a dynamic VID compensation pin that allows
optimizing compensation to be added for well controlled
dynamic VID response.
Protection features of this controller IC include a set of
sophisticated overvoltage, undervoltage, and overcurrent
protection. Furthermore, the ISL6313 includes protection
against an open circuit on the remote sensing inputs.
Combined, these features provide advanced protection for the
microprocessor and power system.

Features
• Integrated Multi-Phase Power Conversion
- 2-Phase or 1-Phase Operation with Internal Drivers
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
- ±0.5% System Accuracy Over-Temperature
- Adjustable Reference-Voltage Offset
• Optimal Transient Response
- Active Pulse Positioning (APP) Modulation
- Adaptive Phase Alignment (APA)
• Fully Differential, Continuous DCR Current Sensing
- Integrated Programmable Current Sense Resistors
- Accurate Load Line Programming
- Precision Channel Current Balancing
• Variable Gate Drive Bias: 5V to 12V
• Multi-Processor Compatible
- Intel VR11 Mode of Operation
- AMD Mode of Operation
• Microprocessor Voltage Identification Inputs
- 8-Bit DAC
- Selectable between Intel VR11, AMD 5-Bit, and AMD
6-Bit DAC tables
- Dynamic VID Technology
• Dynamic VID Compensation
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
894Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
March 5, 2007
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313B INTERSIL-ISL6313B Datasheet
630Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
More results


Similar Description - ISL6313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
894Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
March 5, 2007
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com